Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77128DGK Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77128DGK
Description  150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77128DGK Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS77128DGK Datasheet HTML 4Page - Texas Instruments TPS77128DGK Datasheet HTML 5Page - Texas Instruments TPS77128DGK Datasheet HTML 6Page - Texas Instruments TPS77128DGK Datasheet HTML 7Page - Texas Instruments TPS77128DGK Datasheet HTML 8Page - Texas Instruments TPS77128DGK Datasheet HTML 9Page - Texas Instruments TPS77128DGK Datasheet HTML 10Page - Texas Instruments TPS77128DGK Datasheet HTML 11Page - Texas Instruments TPS77128DGK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TPS77101/115/118/127/128/133/150 WITH RESET OUTPUT
TPS77201/215/218/227/228/233/250 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS225D – FEBRUARY 2000 – REVISED OCTOBER 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range (–40
°C to
125
°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, CO = 10 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum input voltage for valid PG
I(PG) = 300µA
V(PG) ≤ 0.8 V
1.1
V
PG
Trip threshold voltage
VO decreasing
79
85
%VO
PG
(TPS772xx)
Hysteresis voltage
Measured at VO
0.5
%VO
(TPS772xx)
Output low voltage
VI = 2.7 V,
I(PG) = 1mA
0.15
0.4
V
Leakage current
V(PG) = 5 V
1
µA
Minimum input voltage for valid RESET
I(RESET) = 300 µA
1.1
V
Trip threshold voltage
VO decreasing
92
98
%VO
Reset
Hysteresis voltage
Measured at VO
0.5
%VO
Reset
(TPS771xx)
Output low voltage
VI = 2.7 V,
I(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 5 V
1
µA
RESET time-out delay
220
ms
2 8 V Output
IO = 150 mA,
TJ = 25°C
150
2.8-V Output
IO = 150 mA,
265
V
Dropout voltage (see Note 6)
3 3 V Output
IO = 150 mA,
TJ = 25°C
115
mV
VDO
Dropout voltage (see Note 6)
3.3-V Output
IO = 150 mA
200
mV
5 0 V Output
IO = 150 mA,
TJ = 25°C
75
5.0-V Output
IO = 150 mA
115
NOTE 6: IN voltage equals VO(typ) – 100 mV; 1.5 V, 1.8 V, and 2.7 V dropout voltage limited by input voltage range limitations (i.e., 3.3 V input
voltage needs to drop to 3.2 V for purpose of this test).
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
V
Output voltage
vs Output current
2, 3
VO
Output voltage
vs Junction temperature
4, 5
Ground current
vs Junction temperature
6
Power supply rejection ratio
vs Frequency
7
Output spectral noise density
vs Frequency
8
Zo
Output impedance
vs Frequency
9
V
Dropout voltage
vs Input voltage
10
VDO
Dropout voltage
vs Junction temperature
11
Line transient response
12, 14
Load transient response
13, 15
Output voltage and enable pulse
vs Time
16
Equivalent series resistance (ESR)
vs Output current
18 – 21
Obsolete Devices: TPS77127, TPS77201, TPS77215, TPS77218


Similar Part No. - TPS77128DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77128DGK TI-TPS77128DGK Datasheet
357Kb / 23P
[Old version datasheet]   150-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77128DGK TI-TPS77128DGK Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77128DGK TI-TPS77128DGK Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77128DGKG4 TI-TPS77128DGKG4 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77128DGKG4 TI-TPS77128DGKG4 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77128DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77250 TI-TPS77250 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115 TI-TPS77115 Datasheet
351Kb / 10P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101-Q1 TI1-TPS77101-Q1 Datasheet
431Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS771 TI-TPS771_15 Datasheet
716Kb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI1-TPS77301_16 Datasheet
883Kb / 25P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI-TPS77301_08 Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com