Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77133DGKG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS77133DGKG4
Description  150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77133DGKG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS77133DGKG4 Datasheet HTML 1Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 2Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 3Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 4Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 5Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 6Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 7Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 8Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS77101/115/118/127/128/133/150 WITH RESET OUTPUT
TPS77201/215/218/227/228/233/250 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS225D – FEBRUARY 2000 – REVISED OCTOBER 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
TPS771XX
FB/SENSE
1
I
Feedback input voltage for adjustable device (sense input for fixed options)
RESET
2
O
Reset output
EN
3
I
Enable input
GND
4
Regulator ground
IN
5, 6
I
Input voltage
OUT
7, 8
O
Regulated output voltage
TPS772XX
FB/SENSE
1
I
Feedback input voltage for adjustable device (sense input for fixed options)
PG
2
O
Power good
EN
3
I
Enable input
GND
4
Regulator ground
IN
5, 6
I
Input voltage
OUT
7, 8
O
Regulated output voltage
TPS771xx RESET timing diagram
† Vres is the minimum input voltage for a valid RESET. The symbol Vres is not currently listed within EIA or JEDEC standards for
semiconductor symbology.
VI
Vres†
t
t
t
VO
Threshold
Voltage
RESET
Output
220 ms
Delay
220 ms
Delay
Output
Undefined
Output
Undefined
VIT +‡
VIT –‡
VIT –‡
VIT +‡
‡ VIT – Trip voltage is typically 5% lower than the output voltage (95%VO) VIT– to VIT+ is the hysteresis voltage.
Vres†
Obsolete Devices: TPS77127, TPS77201, TPS77215, TPS77218


Similar Part No. - TPS77133DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77133DGKG4 TI-TPS77133DGKG4 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77133DGKG4 TI-TPS77133DGKG4 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77133DGKG4 TI1-TPS77133DGKG4 Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
More results

Similar Description - TPS77133DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77250 TI-TPS77250 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115 TI-TPS77115 Datasheet
351Kb / 10P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101-Q1 TI1-TPS77101-Q1 Datasheet
431Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS771 TI-TPS771_15 Datasheet
716Kb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI1-TPS77301_16 Datasheet
883Kb / 25P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI-TPS77301_08 Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com