Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS254900-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS254900-Q1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS254900-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS254900-Q1 Datasheet HTML 2Page - Texas Instruments TPS254900-Q1 Datasheet HTML 3Page - Texas Instruments TPS254900-Q1 Datasheet HTML 4Page - Texas Instruments TPS254900-Q1 Datasheet HTML 5Page - Texas Instruments TPS254900-Q1 Datasheet HTML 6Page - Texas Instruments TPS254900-Q1 Datasheet HTML 7Page - Texas Instruments TPS254900-Q1 Datasheet HTML 8Page - Texas Instruments TPS254900-Q1 Datasheet HTML 9Page - Texas Instruments TPS254900-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
TPS254900-Q1
SLUSCO9A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: TPS254900-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise noted, –40°C
≤ TJ ≤ 125°C and 4.5 V ≤ V(IN) ≤ 6.5 V, V(EN) = V(CTL1) = V(CTL2) = V(IN), R(FAULT) = R(STATUS) =
10 kΩ, R(IMON) = 2.55 kΩ, R(ILIM_HI) = 19.1 kΩ, R(ILIM_LO) = 80.6 kΩ. Positive currents are into pins. Typical values are at 25°C.
All voltages are with respect to GND.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
This parameter is provided for reference only and does not constitute part of TI's published device specifications for purposes of TI's
product warranty.
UNDERVOLTAGE LOCKOUT, IN
V(UVLO)
UVLO threshold voltage
IN rising
3.9
4.15
4.3
V
Hysteresis(3)
TJ = 25°C
100
mV
FAULT
Output low voltage
I(FAULT) = 1 mA
100
mV
Off-state leakage
V(FAULT) = 6.5 V
2
µA
STATUS
Output low voltage
I(STATUS) = 1 mA
100
mV
Off-state leakage
V(STATUS) = 6.5 V
2
µA
THERMAL SHUTDOWN
T(OTSD2)
Thermal shutdown
threshold
155
°C
T(OTSD1)
Thermal shutdown
threshold in current-limit
135
°C
Hysteresis(3)
20
°C
LOAD DETECT (VCTL1 = VCTL2 = VIN)
I(LD)
IOUT load detection
threshold
R(ILIM_LO) = 80.6 kΩ, rising load current
585
650
715
mA
Hysteresis(3)
50
mA
DM_IN AND DP_IN OVERVOLTAGE PROTECTION
V(OV_Data)
Protection trip threshold
DP_IN and DM_IN rising
3.7
3.9
4.15
V
Hysteresis(3)
100
mV
R(DCHG_Data)
Discharge resistor after
OVP(2)
DP_IN = DM_IN = 18 V, IN = 5 V or 0 V
200
k
DP_IN = DM_IN = 5 V, IN = 5 V
370
DP_IN = DM_IN = 5 V, IN = 0
390
OUT OVERVOLTAGE PROTECTION
V(OV_OUT_LOW)
Protection trip threshold
OUT rising
5.65
6
6.35
V
Hysteresis(3)
90
mV
V(OV_OUT_HIGH)
Protection trip threshold
OUT rising
6.6
6.95
7.3
V
Hysteresis(3)
130
mV
R(DCHG_OUT)
Discharge resistor
OUT = 18 V, IN = 5 V
55
85
k
OUT = 18 V, IN = 0
80
120
CABLE COMPENSATION
I(CS)
Sink current
Load = 3 A, 2.5 V
≤ V(CS) ≤ 6.5 V
234
246
258
µA
Load = 2.4 A, 2.5 V
≤ V(CS) ≤ 6.5 V
187
197
207
Load = 2.1 A, 2.5 V
≤ V(CS) ≤ 6.5 V
163
172
181
Load = 1 A, 2.5 V
≤ V(CS) ≤ 6.5 V
77
82
87
CURRENT MONITOR OUTPUT (IMON)
I(IMON)
Source current
Load = 3 A, 0
≤ V(IMON) ≤ 2.5 V
287
312
337
µA
Load = 2.4 A, 0
≤ V(IMON) ≤ 2.5 V
230
250
270
Load = 2.1 A, 0
≤ V(IMON) ≤ 2.5 V
201
218
235
Load = 1 A, 0
≤ V(IMON) ≤ 2.5 V
94
104
114
Load = 0.5 A, 0
≤ V(IMON) ≤ 2.5 V
44
52
60


Similar Part No. - TPS254900-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS254900A-Q1 TI1-TPS254900A-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900AIRVCRQ1 TI1-TPS254900AIRVCRQ1 Datasheet
2Mb / 39P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900AIRVCTQ1 TI1-TPS254900AIRVCTQ1 Datasheet
2Mb / 39P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
More results

Similar Description - TPS254900-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS254900A-Q1 TI1-TPS254900A-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
logo
Maxim Integrated Produc...
MAX20461 MAXIM-MAX20461 Datasheet
1Mb / 65P
   Automotive High-Current Step-Down Converter with USB-C Protection/Host Charger
Rev 4; 12/20
logo
Analog Devices
MAX25460 AD-MAX25460 Datasheet
1Mb / 48P
   Automotive 1.5A Step-Down Converter with USB Protection/Host Charger Adapter Emulator
19-101710; Rev 0; 6/23
logo
Texas Instruments
TPD3S713-Q1 TI-TPD3S713-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
logo
Maxim Integrated Produc...
MAX16984A MAXIM-MAX16984A Datasheet
988Kb / 36P
   Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 2; 12/20
MAX16984 MAXIM-MAX16984 Datasheet
396Kb / 7P
   Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 6; 5/18
logo
Dialog Semiconductor
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
   USB Host Charger Identification
SLG55593 DIALOG-SLG55593 Datasheet
171Kb / 10P
   USB Host Charger Identification
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
   USB Host Charger Identification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com