Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77515MPWPREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77515MPWPREP
Description  FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77515MPWPREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS77515MPWPREP Datasheet HTML 3Page - Texas Instruments TPS77515MPWPREP Datasheet HTML 4Page - Texas Instruments TPS77515MPWPREP Datasheet HTML 5Page - Texas Instruments TPS77515MPWPREP Datasheet HTML 6Page - Texas Instruments TPS77515MPWPREP Datasheet HTML 7Page - Texas Instruments TPS77515MPWPREP Datasheet HTML 8Page - Texas Instruments TPS77515MPWPREP Datasheet HTML 9Page - Texas Instruments TPS77515MPWPREP Datasheet HTML 10Page - Texas Instruments TPS77515MPWPREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPS77501-EP, TPS77515-EP, TPS77516-EP, TPS77518-EP
TPS77525-EP, TPS77533-EP WITH RESET OUTPUT
FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
SGLS010B − MARCH 2003 − REVISED JUNE 2010
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 10 μF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS77501
1.5 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
TPS77501
1.5 V
≤ VO ≤ 5.5 V,
TJ = −55°C to 125°C
0.98VO
1.02VO
V
TPS77515
TJ = 25°C,
2.7 V < VIN < 10 V
1.5
V
TPS77515
TJ = −55°C to 125°C, 2.7 V < VIN < 10 V
1.470
1.530
TPS77516
TJ = 25°C,
2.7 V < VIN < 10 V
1.6
V
Output voltage (10
μA to 500 mA load)
TPS77516
TJ = −55°C to 125°C, 2.7 V < VIN < 10 V
1.568
1.632
V
Output voltage (10
μA to 500 mA load)
(see Note 2)
TPS77518
TJ = 25°C,
2.8 V < VIN < 10 V
1.8
TPS77518
TJ = −55°C to 125°C, 2.8 V < VIN < 10 V
1.764
1.836
TPS77525
TJ = 25°C,
3.5 V < VIN < 10 V
2.5
V
TPS77525
TJ = −55°C to 125°C, 3.5 V < VIN < 10 V
2.450
2.550
V
TPS77533
TJ = 25°C,
4.3 V < VIN < 10 V
3.3
TPS77533
TJ = −55°C to 125°C, 4.3 V < VIN < 10 V
3.234
3.366
Quiescent current (GND current)
10
μA < IO < 500 mA, TJ = 25°C
85
A
Quiescent current (GND current)
EN = 0V, (see Note 2)
IO = 500 mA,
TJ = −55°C to 125°C
125
μA
Output voltage line regulation (
ΔVO/VO)
(see Notes 2 and 3)
VO + 1 V < VI ≤ 10 V,
TJ = 25°C
0.01
%/V
Load regulation
3
mV
Output noise voltage (TPS77518)
BW = 200 Hz to 100 kHz, IC = 500 mA
Co = 10 μF,
TJ = 25°C
53
μVrms
Output current limit
VO = 0 V
1.7
2.4
A
Thermal shutdown junction temperature
150
°C
EN = VI,TJ = 25°C, 2.7 V < VI < 10 V
1
μA
Standby current
EN = VI,TJ = −55°C to 125°C
2.7 V < VI < 10 V
10
μA
FB input current
TPS77501
FB = 1.5 V
2
nA
High level enable input voltage
1.7
V
Low level enable input voltage
0.9
V
Power supply ripple rejection (see Note 2)
f = 1 KHz,
Co = 10 μF,
TJ = 25°C
60
dB
NOTES:
2. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10V.
3. If VO ≤ 1.8 V then VImin = 2.7 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
If VO ≥ 2.5 V then VImin = VO + 1 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
V
O )
1V
100
1000


Similar Part No. - TPS77515MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77515MPWPREP TI1-TPS77515MPWPREP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77515MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77818DR TI-TPS77818DR Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com