Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78225QDRVRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78225QDRVRQ1
Description  150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78225QDRVRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS78225QDRVRQ1 Datasheet HTML 6Page - Texas Instruments TPS78225QDRVRQ1 Datasheet HTML 7Page - Texas Instruments TPS78225QDRVRQ1 Datasheet HTML 8Page - Texas Instruments TPS78225QDRVRQ1 Datasheet HTML 9Page - Texas Instruments TPS78225QDRVRQ1 Datasheet HTML 10Page - Texas Instruments TPS78225QDRVRQ1 Datasheet HTML 11Page - Texas Instruments TPS78225QDRVRQ1 Datasheet HTML 12Page - Texas Instruments TPS78225QDRVRQ1 Datasheet HTML 13Page - Texas Instruments TPS78225QDRVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
t=3
10k
R
W
L
´
10kW +RL
C
OUT
´
TPS78227
GND
EN
IN
OUT
V
IN
V
OUT
1 F
m
1 F
m
4.2Vto5.5V
2.7V
TPS78225-Q1, TPS78227-Q1
TPS78228-Q1, TPS78230-Q1
SBVS138 – DECEMBER 2009
www.ti.com
SHUTDOWN
The enable pin (EN) is active high and is compatible with standard and low-voltage CMOS levels. When
shutdown capability is not required, EN should be connected to the IN pin, as shown in Figure 16. The TPS782xx
series, with internal active output pulldown circuitry, discharges the output to within 5% VOUT with a time (t)
shown in Equation 1:
(1)
Where:
RL= output load resistance
COUT = output capacitance
Figure 16. Circuit Showing EN Tied High when Shutdown Capability is Not Required
DROPOUT VOLTAGE
The TPS782xx series use a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the
dropout voltage (VDO), the PMOS pass device is the linear region of operation and the input-to-output resistance
is the RDS(ON) of the PMOS pass element. VDO approximately scales with output current because the PMOS
device behaves like a resistor in dropout. As with any linear regulator, PSRR and transient response are
degraded as (VIN – VOUT) approaches dropout. This effect is shown in the Typical Characteristics section. See
the application report Understanding LDO Dropout (SLVA207) available for download from www.ti.com.
TRANSIENT RESPONSE
As with any regulator, increasing the size of the output capacitor reduces over/undershoot magnitude but
increases duration of the transient response.
ACTIVE VOUT PULL-DOWN
In the TPS782xx series, the active pulldown discharges VOUT when the device is off. However, the input voltage
must be greater than 2.2 V for the active pulldown to work.
MINIMUM LOAD
The TPS782xx series are stable with no output load. Traditional PMOS LDO regulators suffer from lower loop
gain at very light output loads. The TPS782xx employs an innovative, low-current circuit under very light or
no-load conditions, resulting in improved output voltage regulation performance down to zero output current.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS78225-Q1 TPS78227-Q1 TPS78228-Q1 TPS78230-Q1


Similar Part No. - TPS78225QDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78225QDRVRQ1 TI1-TPS78225QDRVRQ1 Datasheet
574Kb / 18P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
More results

Similar Description - TPS78225QDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1 Datasheet
574Kb / 18P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS782 TI-TPS782 Datasheet
1Mb / 28P
[Old version datasheet]   TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI-TPS78225-Q1_15 Datasheet
846Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com