Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1418082 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1418082
Description  Network cable - NBC-MS/ 15,0-94B/MS SCO US
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1418082 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1418082 Datasheet HTML 1Page - PHOENIX CONTACT 1418082 Datasheet HTML 2Page - PHOENIX CONTACT 1418082 Datasheet HTML 3Page - PHOENIX CONTACT 1418082 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1418082
08/16/2016   Page 2 / 4
Network cable - NBC-MS/ 15,0-94B/MS SCO US - 1418082
Technical data
Characteristics head 2
Head type
Plug straight M12 SPEEDCON / IP67
Coding
A (Standard)
Standards and Regulations
Standard designation
M12 connector
Standards/regulations
IEC 61076-2-101
Cable
Cable type
Ethernet, flexible, CAT5
Cable type (abbreviation)
94B
UL AWM style
20963 (80°C/30 V)
Signal type/category
Ethernet CAT5 (IEC 11801), 1 Gbps
Cable structure
4x2xAWG26/7; SF/UTP
Conductor cross section
4x 2x 0.14 mm²
AWG signal line
26
Conductor structure signal line
7x 0.16 mm
Core diameter including insulation
0.96 mm
Wire colors
white/blue-blue, white/orange-orange, white/green-green, white/brown-
brown
Twisted pairs
2 cores to the pair
Overall twist
4 pairs for core
Shielding
Aluminum-coated foil, tinned copper braided shield
Optical shield covering
70 %
External sheath, color
water blue RAL 5021
Outer sheath thickness
1.05 mm
External cable diameter D
6.4 mm ±0.2 mm
Minimum bending radius, fixed installation
4 x D
Minimum bending radius, flexible installation
8 x D
Tensile strength short-term/long-term
≤ 100 N
Cable weight
47 kg/km
Outer sheath, material
PUR
Material conductor insulation
Foamed PE
Conductor material
Bare Cu litz wires
Insulation resistance
≥ 500 MΩ*km
Loop resistance
≤ 290 Ω (per km)
Cable capacity
48 nF/km (at 1 kHz)
Wave impedance
100 Ω ±5 Ω (at 100 MHz)
Signal runtime
5.3 ns/m
Coupling resistance
≤ 100.00 mΩ/m (At 10 MHz)


Similar Part No. - 1418082

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1418080 PHOENIX-1418080 Datasheet
377Kb / 10P
   NBC-M12MS/ 5,0-94B/M12MS US - Network cable
1418081 PHOENIX-1418081 Datasheet
377Kb / 10P
   NBC-M12MS/10,0-94B/M12MS US - Network cable
1418083 PHOENIX-1418083 Datasheet
107Kb / 4P
   Network cable - NBC-MS/ 20,0-94B/MS SCO US
More results

Similar Description - 1418082

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1418083 PHOENIX-1418083 Datasheet
107Kb / 4P
   Network cable - NBC-MS/ 20,0-94B/MS SCO US
1408744 PHOENIX-1408744 Datasheet
139Kb / 9P
   Network cable - NBC-MS/ 10,0-94B SCO US
09/11/2020
1407434 PHOENIX-1407434 Datasheet
180Kb / 11P
   Network cable - NBC-MS/ 1,0-94B/MS SCO
09/11/2020
1407436 PHOENIX-1407436 Datasheet
577Kb / 17P
   NBC-MS/ 5,0-94B/MS SCO - Network cable
1409864 PHOENIX-1409864 Datasheet
168Kb / 11P
   Network cable - NBC-MS/10,0-94B/R4AC SCO US
09/11/2020
1406119 PHOENIX-1406119 Datasheet
465Kb / 11P
   NBC-MS/ 2,0-94B/FS SCO US - Network cable
1407438 PHOENIX-1407438 Datasheet
180Kb / 11P
   Network cable - NBC-MS/10,0-94B/MS SCO
09/11/2020
1407435 PHOENIX-1407435 Datasheet
577Kb / 17P
   NBC-MS/ 2,0-94B/MS SCO - Network cable
1407406 PHOENIX-1407406 Datasheet
234Kb / 16P
   Network cable - NBC-MS/ 5,0-94B SCO
09/11/2020
1407404 PHOENIX-1407404 Datasheet
234Kb / 16P
   Network cable - NBC-MS/ 1,0-94B SCO
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com