Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72625DCQG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS72625DCQG4
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72625DCQG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS72625DCQG4 Datasheet HTML 7Page - Texas Instruments TPS72625DCQG4 Datasheet HTML 8Page - Texas Instruments TPS72625DCQG4 Datasheet HTML 9Page - Texas Instruments TPS72625DCQG4 Datasheet HTML 10Page - Texas Instruments TPS72625DCQG4 Datasheet HTML 11Page - Texas Instruments TPS72625DCQG4 Datasheet HTML 12Page - Texas Instruments TPS72625DCQG4 Datasheet HTML 13Page - Texas Instruments TPS72625DCQG4 Datasheet HTML 14Page - Texas Instruments TPS72625DCQG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
1 oz. Copper
Power Plane
1 oz. Copper
Ground Plane
2 oz. Copper Solder Pad
with 25 Thermal Vias
Thermal Vias, 0,3 mm
Diameter, 1,5 mm Pitch
1
2
3
4
5
0.1
1
10
100
Copper Heatsink Area − cm2
TA = 55°C
No Air Flow
150 LFM
250 LFM
P
Dmax +
(3.3 * 2.5) V x 1 A + 800 mW
TPS726126
TPS72615, TPS72616
TPS72618, TPS72625
www.ti.com
SLVS403H – MAY 2002 – REVISED JUNE 2010
Figure 21. DDPAK Thermal Resistance
From the data in Figure 22 and rearranging Equation 4, the maximum power dissipation for a different ground
plane area and a specific ambient temperature can be computed.
Figure 22. Maximum Power Dissipation vs Copper Heatsink Area
SOT223 Power Dissipation
The SOT223 package provides an effective means of managing power dissipation in surface mount applications.
The SOT223 package dimensions are provided in the Mechanical Data section at the end of the data sheet. The
addition of a copper plane directly underneath the SOT223 package enhances the thermal performance of the
package.
To illustrate, the TPS72625 in a SOT223 package was chosen. For this example, the average input voltage is
3.3 V, the output voltage is 2.5 V, the average output current is 1 A, the ambient temperature 55°C, no air flow is
present, and the operating environment is the same as documented below. Neglecting the quiescent current, the
maximum average power is:
(7)
Substituting TJmax for TJ into Equation 4 gives Equation 8:
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS726126 TPS72615 TPS72616 TPS72618 TPS72625


Similar Part No. - TPS72625DCQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72625DCQG4 TI-TPS72625DCQG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72625DCQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_07 Datasheet
716Kb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com