Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8761CYLFT Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS8761CYLFT
Description  LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8761CYLFT Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS8761CYLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS8761CYLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS8761CYLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS8761CYLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS8761CYLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS8761CYLFT Datasheet HTML 10Page - Integrated Circuit Systems ICS8761CYLFT Datasheet HTML 11Page - Integrated Circuit Systems ICS8761CYLFT Datasheet HTML 12Page - Integrated Circuit Systems ICS8761CYLFT Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
8761CY
www.icst.com/products/hiperclocks.html
REV. C SEPTEMBER 7, 2004
9
Integrated
Circuit
Systems, Inc.
ICS8761
LOW VOLTAGE, LOW SKEW,
PCI / PCI-X CLOCK GENERATOR
3.3V OUTPUT LOAD AC TEST CIRCUIT
3.3V/2.5V OUTPUT LOAD AC TEST CIRCUIT
BANK SKEW (Where X denotes outputs in the same Bank)
OUTPUT SKEW
t
PW & tPERIOD
CYCLE-TO-CYCLE JITTER
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
STATIC PHASE OFFSET
OUTPUT RISE/FALL TIME
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
LVCMOS
2.05V±5%
V
DDOx
-1.25V±5%
V
DD,
V
DDA
1.25V±5%
SCOPE
Qx
LVCMOS
1.65V±5%
-1.165V±5%
tsk(o)
V
DDOX
2
V
DDOX
2
Qy
Qx
QAx,
QBx,
QCx,
QDx
V
DDOX
2
V
DDOX
2
V
DDOX
2
tcycle n
tcycle n+1
tsk(o)
V
DDO
2
V
DDO
2
➤t(Ø)
V
DD
2
V
DD
2
REF_CL:K
FB_IN
Qy
Qx
t
PW
t
PERIOD
V
DDOX
2
V
DDOX
2
V
DDOX
2
t
PW
t
PERIOD
odc =
Clock Outputs
20%
80%
80%
20%
t
R
t
F
QAx, QBx,
QCx, QDx,
FB_OUT
V
DD,
V
DDA, VDDOx
GND
GND


Similar Part No. - ICS8761CYLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
More results

Similar Description - ICS8761CYLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
   Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
87604I RENESAS-87604I Datasheet
393Kb / 14P
   Low Voltage/Low Skew, 1:4 PCI/PCI-X Zero Delay Clock Generator
11/11/15
logo
List of Unclassifed Man...
ICS87608I ETC-ICS87608I Datasheet
152Kb / 12P
   LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
logo
Renesas Technology Corp
87608I RENESAS-87608I Datasheet
353Kb / 16P
    bLow Voltage/Low Skew, 1:8 PCI/PCI-X Zero Delay clock Generator
January 25, 2016
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
   Low Skew PCI / PCI-X Buffer
08/12/15
logo
Integrated Device Techn...
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
   LOW SKEW PCI/PCI-X BUFFER
logo
Integrated Circuit Syst...
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
   LOW SKEW PCI/PCI-X BUFFER
110110
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
   Low Skew PCI / PCI-X Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com