Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-4-22XC Datasheet(PDF) 4 Page - Copal Electronics

Part # CS-4-22XC
Description  ROTARY SELECTOR SWITCHES (SMD)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-4-22XC Datasheet(HTML) 4 Page - Copal Electronics

  CS-4-22XC Datasheet HTML 1Page - Copal Electronics CS-4-22XC Datasheet HTML 2Page - Copal Electronics CS-4-22XC Datasheet HTML 3Page - Copal Electronics CS-4-22XC Datasheet HTML 4Page - Copal Electronics CS-4-22XC Datasheet HTML 5Page - Copal Electronics CS-4-22XC Datasheet HTML 6Page - Copal Electronics CS-4-22XC Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5
2.3
2.54
41
3 – 0.6
t = 0.15
C
1
2
Production date code
0.6 W
× 2.3 L × 0.5 D
5
C
1
2
0.6 W
× 2.3 L × 0.5 D
Production date code
2.35
2 – 0.8
t = 0.15
1.2
2.3
5
C
1
2
Production date code
2.3
2.35
t = 0.15
2 – 0.8
1.2
0.6 W
× 2.3 L × 0.5 D
5
C
1
2
Production date code
2.3
2.54
41
3 – 0.6
t = 0.15
0.6 W
× 2.3 L × 0.5 D
5
C
1
2
3
0.6 W
× 2.3 L × 0.5 D
Production date code
2.3
1.3
3 – 0.5
t = 0.15
1.2
1.3
5
1.3
6 – 0.5
t = 0.15
1.3
NC
1
C
4
2
3
0.6 W
× 2.3 L × 0.5 D
Production date code
135
Moving range
3 – 45
Step angle
2.3
2.3
5
1.3
6 – 0.5
t = 0.15
1.3
NC
1
C
4
2
3
0.6 W
× 2.3 L × 0.5 D
Production date code
135
Moving range
3 – 45
Step angle
5
C
1 2 3
0.6 W
× 2.3 L × 0.5 D
Production date code
2.3
1.3
t = 0.15
3 – 0.5
1.2
1.3
5
2.3
2.35
2 – 0.8
t = 0.15
1.2
C
1
2
Production date code
0.6 W
× 2.3 L × 0.5 D
5
2.3
2.35
t = 0.15
2 – 0.8
1.2
C
1
2
Production date code
0.6 W
× 2.3 L × 0.5 D
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O CS-4-12YA
O CS-4-12YB
O CS-4-12YC
O CS-4-12XB
O CS-4-12XC
O CS-4-13NA
O CS-4-13NB
O CS-4-14NA
O CS-4-14NB
O CS-4-12XA
CS-4
ROTARY SELECTOR SWITCHES (SMD)


Similar Part No. - CS-4-22XC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS-4-22YA COILCRAFT-CS-4-22YA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
CS-4-22YB COILCRAFT-CS-4-22YB Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
CS-4-22YTA COILCRAFT-CS-4-22YTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
CS-4-22YTB COILCRAFT-CS-4-22YTB Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
More results

Similar Description - CS-4-22XC

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
   ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
   ROTARY SELECTOR SWITCHES (SMD)
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
   ROTARY SELECTOR SWITCHES
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com