Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A19 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A19
Description  40-V, 450-mA, Wide VIN, Low IQ, Low-Dropout Voltage Regulator with Power Good
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A19 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A19 Datasheet HTML 2Page - Texas Instruments TPS7A19 Datasheet HTML 3Page - Texas Instruments TPS7A19 Datasheet HTML 4Page - Texas Instruments TPS7A19 Datasheet HTML 5Page - Texas Instruments TPS7A19 Datasheet HTML 6Page - Texas Instruments TPS7A19 Datasheet HTML 7Page - Texas Instruments TPS7A19 Datasheet HTML 8Page - Texas Instruments TPS7A19 Datasheet HTML 9Page - Texas Instruments TPS7A19 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
0
5
10
15
20
25
30
35
15
20
25
30
35
40
45
C005
Input Voltage (V)
±40°C
25°C
125°C
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
400
450
Output Current (mA)
±40°C
25°C
125°C
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
350
400
450
C004
Output Current (mA)
±40°C
25°C
125°C
0
5
10
15
20
25
0
10
20
30
40
Input Voltage (V)
C003
±40°C
25°C
125°C
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
350
400
450
Output Current (mA)
C
0
02
±40°C
25°C
125°C
1.40
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
1.60
0
5
10
15
20
25
30
35
40
Input Voltage (V)
±40°C
25°C
125°C
6
TPS7A19
SBVS256A – MAY 2016 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS7A19
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Typical Characteristics
at TJ = –40°C to +125°C, VIN = 14 V , VEN = VIN, IOUT = 200 μA, CIN = 22 μF, and COUT = 47 μF (unless otherwise noted)
VOUT = 1.5 V, IOUT = 100 mA
Figure 1. Line Regulation
VIN = 14 V, VOUT = 1.5 V
Figure 2. Ground Current vs Output Current
VOUT = 1.5 V
Figure 3. Quiescent Current vs Input Voltage
VIN = 24 V, VOUT = 18 V
Figure 4. Ground Current vs Output Current
VOUT = 18 V
Figure 5. Quiescent Current vs Input Voltage
Figure 6. Dropout Voltage vs Output Current


Similar Part No. - TPS7A19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10 TI1-TPS7A10 Datasheet
2Mb / 34P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10 TI1-TPS7A10 Datasheet
2Mb / 35P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10 TI1-TPS7A10 Datasheet
2Mb / 36P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A1006PDSER TI1-TPS7A1006PDSER Datasheet
2Mb / 35P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
More results

Similar Description - TPS7A19

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4290 ONSEMI-NCV4290 Datasheet
162Kb / 15P
   5.0 V, 450 mA Low-Dropout Voltage Regulator with Power Good
August, 2012 ??Rev. 0
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7A25 TI1-TPS7A25_19 Datasheet
884Kb / 21P
[Old version datasheet]   300-mA, 18-V, ultra-low-IQ, low-dropout linear voltage regulator with power good
TPS7A26 TI1-TPS7A26 Datasheet
840Kb / 18P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A26_1903 TI1-TPS7A26_1903 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A26 TI1-TPS7A26_19 Datasheet
1,009Kb / 22P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A25 TI1-TPS7A25 Datasheet
833Kb / 18P
[Old version datasheet]   300-mA, 18-V, Ultra-Low-IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A6301-Q1 TI1-TPS7A6301-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
logo
ON Semiconductor
NCP187 ONSEMI-NCP187 Datasheet
320Kb / 10P
   Voltage Regulator - Low Iq, Low Dropout, Power Good Output
August, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com