Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7189QK Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7189QK
Description  3-Phase Bridge Driver IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189QK Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7189QK Datasheet HTML 4Page - Infineon Technologies AG TLE7189QK Datasheet HTML 5Page - Infineon Technologies AG TLE7189QK Datasheet HTML 6Page - Infineon Technologies AG TLE7189QK Datasheet HTML 7Page - Infineon Technologies AG TLE7189QK Datasheet HTML 8Page - Infineon Technologies AG TLE7189QK Datasheet HTML 9Page - Infineon Technologies AG TLE7189QK Datasheet HTML 10Page - Infineon Technologies AG TLE7189QK Datasheet HTML 11Page - Infineon Technologies AG TLE7189QK Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
8
Rev. 2.2, 2016-01-28
TLE7189QK
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Absolute Maximum Ratings 1)
-40
°C ≤ Tj ≤ 150 °C; all voltages with respect to ground, positive current flowing into pin (unless otherwise
specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Supply voltage
V
S1
-4.0
45
V
with 10
Ω and
1µF
4.1.2
Supply voltage
V
S2
-0.3
45
V
4.1.3
Supply voltage
V
S3
-0.3
47
V
tp<200ms
4.1.4
Voltage range at IHx, ILx, ENA, VCT
V
DP1
-0.3
18
V
4.1.5
Voltage range at ERRx, VOx, VRI, VRO,
SCDL
V
DP2
-0.3
6.0
V
4.1.6
Voltage range at ERRx, VRI, SCDL
VDP3
-0.3
18
V
with 10k
Ω2)
4.1.7
Voltage range at VOx
V
VO
-0.3
18.0
V
with 1k
Ω2)
4.1.8
Voltage range at INH
V
INH
-0.3
18.0
V
4.1.9
Voltage range at VS_OA
V
VS_OA
-0.3
18.0
V
4.1.10
Voltage range at SLx
V
SL
-7
7
V
4.1.11
Voltage range at SHx
V
SH
-7
45
V
4.1.12
Voltage range at GLx
V
GL
-7
18
V
4.1.13
Voltage range at GHx
V
GH
-7
55
V
4.1.14
Voltage difference Gxx-Sxx
V
GS
-0.3
15
V
4.1.15
Voltage range at VDH
V
VDH1
-0.3
55
V
4.1.16
Voltage range at VDH
V
VDH2
-7.0
55
V
R
VDH=100Ω;
200ms; 10x
4.1.17
Voltage range at VDH
V
VDH3
-9.0
55
V
R
VDH=100Ω;
1ms; 10x
4.1.18
Voltage range at VDH
V
VDH4
-0.3
20
V
V
INH=low
4.1.19
Voltage range at VDH
V
VDH5
-0.3
28
V
V
INH=low;
5min; 3x
4.1.20
Voltage range at VDH
V
VDH6
-0.3
35
V
V
INH=low;
400ms; 10x
4.1.21
Voltage range at VDH
V
VDH7
-5.0
28
V
V
INH=low;
R
VDH=100Ω;
25°C; 1min; 10x
4.1.22
Voltage range at VDH
V
VDH8
-7.0
28
V
V
INH=low;
R
VDH=100Ω;
200ms; 10x
4.1.23
Voltage range at VDH
V
VDH9
-9.0
28
V
V
INH=low;
R
VDH=100Ω;
1ms; 10x


Similar Part No. - TLE7189QK

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7189QK INFINEON-TLE7189QK Datasheet
626Kb / 29P
   PRO-SILTM 3-Phase Bridge Driver IC
Rev. 2.0, July 2009
TLE7189QK INFINEON-TLE7189QK_09 Datasheet
626Kb / 29P
   PRO-SILTM 3-Phase Bridge Driver IC
Rev. 2.0, July 2009
More results

Similar Description - TLE7189QK

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6280GP INFINEON-TLE6280GP Datasheet
821Kb / 24P
   3-Phase Bridge Driver IC
2007-07-19
TLE7189F INFINEON-TLE7189F Datasheet
635Kb / 29P
   3-Phase Bridge Driver IC
Rev. 2.1, May 2007
AUIRS2336S INFINEON-AUIRS2336S Datasheet
665Kb / 37P
   3-PHASE BRIDGE DRIVER IC
October 11, 2010
TLE7188F INFINEON-TLE7188F Datasheet
707Kb / 28P
   3-Phase Bridge Driver IC
V2.1, 2007-06
TLE6280GP INFINEON-TLE6280GP_07 Datasheet
362Kb / 25P
   3-Phase Bridge Driver IC
2007-07-19
TLE7185-1E INFINEON-TLE7185-1E Datasheet
515Kb / 23P
   3-Phase Bridge Driver IC
Rev. 2.4, Jul 2010
logo
International Rectifier
AUIRS2336S IRF-AUIRS2336S Datasheet
665Kb / 37P
   3-PHASE BRIDGE DRIVER IC
logo
Infineon Technologies A...
TLE7183F INFINEON-TLE7183F Datasheet
706Kb / 28P
   3-Phase Bridge Driver IC
V2.1, April 2008
TLE7189F INFINEON-TLE7189F_16 Datasheet
691Kb / 29P
   3-Phase Bridge Driver IC
Rev. 2.2, Jan. 2016
TLE7189QK INFINEON-TLE7189QK_09 Datasheet
626Kb / 29P
   PRO-SILTM 3-Phase Bridge Driver IC
Rev. 2.0, July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com