Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4001-EP Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS7A4001-EP
Description  100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4001-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7A4001-EP_16 Datasheet HTML 7Page - Texas Instruments TPS7A4001-EP_16 Datasheet HTML 8Page - Texas Instruments TPS7A4001-EP_16 Datasheet HTML 9Page - Texas Instruments TPS7A4001-EP_16 Datasheet HTML 10Page - Texas Instruments TPS7A4001-EP_16 Datasheet HTML 11Page - Texas Instruments TPS7A4001-EP_16 Datasheet HTML 12Page - Texas Instruments TPS7A4001-EP_16 Datasheet HTML 13Page - Texas Instruments TPS7A4001-EP_16 Datasheet HTML 14Page - Texas Instruments TPS7A4001-EP_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Where:
V
OUT
R + R
1
2
≥10 µA, and
V
OUT
V
REF
– 1
R = R
1
2
TPS7A4001-EP
OUT
FB
GND
C
10 µF
IN
R
1
C
10 nF
BYP
C
10 F
OUT
µ
IN
EN
V
IN
V
OUT
R
2
V
EN
TPS7A4001-EP
www.ti.com
SBVS226 – AUGUST 2015
8.2 Typical Application
Figure 14. Example Circuit to Maximize Transient Performance
8.2.1 Design Requirements
For this design example, use the following parameters listed in Table 2.
Table 2. Design Parameters
PARAMETER
VALUE
VIN
12 V, with 55 V surge tolerance
VOUT
5 V (ideal), 4.981 (actual)
IOUT
28 mA
Accuracy
5 %
R1, R2
162 k
Ω, 49.9 kΩ
8.2.2 Detailed Design Procedure
The maximum value of total feedback resistance can be calculated to be 500 k
Ω. Equation 1 was used to
calculate R1 and R2, and standard 1% resistors were selected to keep the accuracy within the 5% allocation. 10-
uF ceramic input and output capacitors were selected, along with a 10-nF bypass capacitor for optimal AC
performance.
8.2.2.1 Capacitor Recommendations
Low equivalent series resistance (ESR) capacitors should be used for the input, output, and bypass capacitors.
Ceramic capacitors with X7R and X5R dielectrics are required. Ceramic X7R capacitors offer improved voltage
and temperature coefficients, while ceramic X5R capacitors are the most cost-effective and are available in
higher values.
NOTE
High ESR capacitors may degrade PSRR.
8.2.2.2 Input and Output Capacitor Requirements
The TPS7A4001-EP device high voltage linear regulator achieves stability with a minimum output capacitance of
4.7 µF and input capacitance of 1 µF; however, TI highly recommends to use 10-
μF output and input capacitors
to maximize AC performance.
8.2.2.3 Bypass Capacitor Requirements
Although a bypass capacitor (CBYP) is not needed to achieve stability, TI highly recommends using a 10-nF
bypass capacitor to maximize AC performance (including line transient, noise, and PSRR). For additional
information regarding the performance improvements of using a bypass capacitor, see .
8.2.2.4 Transient Response
As with any regulator, increasing the size of the output capacitor reduces overshoot and undershoot magnitude
but increases the duration of the transient response.
The presence of the CBYP capacitor may greatly improve the line transient response of the TPS7A4001-EP
device, as shown in Figure 1.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS7A4001-EP


Similar Part No. - TPS7A4001-EP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4001-EP TI-TPS7A4001-EP Datasheet
990Kb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
More results

Similar Description - TPS7A4001-EP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
TPS7A4001-EP TI-TPS7A4001-EP Datasheet
990Kb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7B7702-Q1 TI-TPS7B7702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com