Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4701RGWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4701RGWR
Description  36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4701RGWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A4701RGWR Datasheet HTML 2Page - Texas Instruments TPS7A4701RGWR Datasheet HTML 3Page - Texas Instruments TPS7A4701RGWR Datasheet HTML 4Page - Texas Instruments TPS7A4701RGWR Datasheet HTML 5Page - Texas Instruments TPS7A4701RGWR Datasheet HTML 6Page - Texas Instruments TPS7A4701RGWR Datasheet HTML 7Page - Texas Instruments TPS7A4701RGWR Datasheet HTML 8Page - Texas Instruments TPS7A4701RGWR Datasheet HTML 9Page - Texas Instruments TPS7A4701RGWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS7A4700, TPS7A4701
SBVS204F – JUNE 2012 – REVISED SEPTEMBER 2014
www.ti.com
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per
–1000
1000
ANSI/ESDA/JEDEC JS-001, all pins(1)
TPS7A4700
V
Charged device model (CDM), per JEDEC
–500
500
specification JESD22-C101, all pins(2)
Electrostatic
V(ESD)
discharge
Human body model (HBM), per
–2500
2500
ANSI/ESDA/JEDEC JS-001, all pins(1)
TPS7A4701
V
Charged device model (CDM), per JEDEC
–500
500
specification JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VI
3.0
35.0
V
VO
1.4
34.0
V
VEN
0
VIN
V
IO
0
1.0
A
6.4 Thermal Information
TPS7A47xx
THERMAL METRIC(1)
RGW
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
32.5
RθJC(top)
Junction-to-case (top) thermal resistance
27
RθJB
Junction-to-board thermal resistance
11.9
°C/W
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
11.9
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: TPS7A4700 TPS7A4701


Similar Part No. - TPS7A4701RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A4701MRGWREP TI1-TPS7A4701MRGWREP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A4701QRGWRQ1 TI1-TPS7A4701QRGWRQ1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
TPS7A4701QRGWTQ1 TI1-TPS7A4701QRGWTQ1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
More results

Similar Description - TPS7A4701RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A47_15 TI-TPS7A47_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47 TI1-TPS7A47 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300 Datasheet
1Mb / 33P
[Old version datasheet]   2-A, 6-VRMS, RF, LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS7A8300 2-A, 6-關VRMS, RF, LDO Voltage Regulator
TPS7A47-Q1 TI1-TPS7A47-Q1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
logo
Texas Instruments
TPS7A54 TI1-TPS7A54 Datasheet
475Kb / 28P
[Old version datasheet]   TPS7A54 4-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com