Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4701RGWT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4701RGWT
Description  36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4701RGWT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A4701RGWT Datasheet HTML 3Page - Texas Instruments TPS7A4701RGWT Datasheet HTML 4Page - Texas Instruments TPS7A4701RGWT Datasheet HTML 5Page - Texas Instruments TPS7A4701RGWT Datasheet HTML 6Page - Texas Instruments TPS7A4701RGWT Datasheet HTML 7Page - Texas Instruments TPS7A4701RGWT Datasheet HTML 8Page - Texas Instruments TPS7A4701RGWT Datasheet HTML 9Page - Texas Instruments TPS7A4701RGWT Datasheet HTML 10Page - Texas Instruments TPS7A4701RGWT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TPS7A4700, TPS7A4701
www.ti.com
SBVS204F – JUNE 2012 – REVISED SEPTEMBER 2014
6.5 Electrical Characteristics
At –40°C
≤ TJ ≤ 125°C; VI = VO(nom) + 1.0 V or VI = 3.0 V (whichever is greater); VEN = VI; IO = 0 mA; CIN =10 µF; COUT = 10
µF; CNR = 10 nF; SENSE/FB tied to OUT; and 0P1V, 0P2V, 0P4V, 0P8V, 1P6V, 3P2V, 6P4V1, 6P4V2 pins OPEN, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
3
35
V
VI rising
2.67
V
VUVLO
Under-voltage lockout threshold
VI falling
2.5
V
V(REF)
Reference voltage
V(REF) = V(FB), TPS7A4701 only
1.4
V
VUVLO(HYS)
Under-voltage lockout hysteresis
177
mV
TPS7A4700, TPS7A4701 using ANY-OUT
VOUT
V
option
VNR
Noise reduction pin voltage
TPS7A4701 in adjustable mode only
1.4
V
TPS7A4700,
TPS7A4701
1.4
20.5
V
using ANY-
VI ≥ VO(nom) + 1.0 V or 3 V
OUT option
Output voltage range
(whichever is greater),
TPS7A4701
COUT = 20 µF
using
VO
1.4
34
V
adjustable
option
Nominal accuracy
TJ = 25°C, COUT = 20 µF
–1.0
1.0
%VO
VO(nom) + 1.0 V ≤ VI ≤ 35 V,
Overall accuracy
–2.5
2.5
%VO
0 mA
≤ IO ≤ 1 A, COUT = 20 µF
ΔVO(ΔVI)
Line regulation
VO(nom) + 1.0 V ≤ VI ≤ 35 V
0.092
%VO
ΔVO(ΔIO)
Load regulation
0 mA
≤ IO ≤ 1 A
0.3
%VO
VI = 95% VO(nom), IO = 0.5 A
216
mV
V(DO)
Dropout voltage
VI = 95% VO(nom), IO = 1 A
307
450
mV
I(CL)
Current limit
VO = 90% VO(nom)
1
1.26
A
IO = 0 mA
0.58
1.0
mA
I(GND)
Ground pin current
IO = 1 A
6.1
mA
VEN = VI
0.78
2
µA
I(EN)
Enable pin current
VI = VEN = 35 V
0.81
2
µA
VEN = 0.4 V
2.55
8
µA
I(SHDN)
Shutdown supply current
VEN = 0.4 V, VI = 35 V
3.04
60
µA
V+EN(HI)
Enable high-level voltage
2.0
VI
V
V+EN(LO)
Enable low-level voltage
0.0
0.4
V
I(FB)
Feedback pin current
350
nA
VI = 16 V, VO(nom) = 15 V, COUT = 50 µF,
PSRR
Power-supply rejection ratio
78
dB
IO = 500 mA, CNR = 1 µF, f = 1 kHz
VI = 3 V, VO(nom) = 1.4 V, COUT = 50 µF,
4.17
µVRMS
CNR = 1 µF, BW = 10 Hz to 100 kHz
Vn
Output noise voltage
VIN = 6 V, VO(nom) = 5 V, COUT = 50 µF,
4.67
µVRMS
CNR = 1 µF, BW = 10 Hz to 100 kHz
Shutdown, temperature increasing
170
°C
Tsd
Thermal shutdown temperature
Reset, temperature decreasing
150
°C
TJ
Operating junction temperature
–40
125
°C
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS7A4700 TPS7A4701


Similar Part No. - TPS7A4701RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A4701MRGWREP TI1-TPS7A4701MRGWREP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A4701QRGWRQ1 TI1-TPS7A4701QRGWRQ1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
TPS7A4701QRGWTQ1 TI1-TPS7A4701QRGWTQ1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
More results

Similar Description - TPS7A4701RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A47_15 TI-TPS7A47_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47 TI1-TPS7A47 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300 Datasheet
1Mb / 33P
[Old version datasheet]   2-A, 6-VRMS, RF, LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS7A8300 2-A, 6-關VRMS, RF, LDO Voltage Regulator
TPS7A47-Q1 TI1-TPS7A47-Q1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
logo
Texas Instruments
TPS7A54 TI1-TPS7A54 Datasheet
475Kb / 28P
[Old version datasheet]   TPS7A54 4-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com