Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1205 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1205
Description  130 MHz/85 MHz RGB Video Amplifier System with Blanking
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1205 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1205 Datasheet HTML 7Page - National Semiconductor (TI) LM1205 Datasheet HTML 8Page - National Semiconductor (TI) LM1205 Datasheet HTML 9Page - National Semiconductor (TI) LM1205 Datasheet HTML 10Page - National Semiconductor (TI) LM1205 Datasheet HTML 11Page - National Semiconductor (TI) LM1205 Datasheet HTML 12Page - National Semiconductor (TI) LM1205 Datasheet HTML 13Page - National Semiconductor (TI) LM1205 Datasheet HTML 14Page - National Semiconductor (TI) LM1205 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Functional Description (Continued)
TLH11881 – 14
FIGURE 6 Block Diagram of LM1205LM1207 Video Amplifier
TLH11881 – 15
FIGURE 7 Timing Diagram
Circuit Description
VIDEO AMPLIFIER INPUT STAGE
Figure 8 is a simplified schematic of one of the three video
amplifiers input stage along with the recommended external
components The IC pin numbers are circled and all external
components are shown outside the dashed line The video
input is applied to pin 6 via a 10 mF coupling capacitor and a
30X resistor The resistor is added to limit the current
through the input pin should an applied voltage surge rise
above VCC or drop below ground The performance of the
LM1205LM1207 is not degraded by the 30X resistor How-
ever if EMI is a concern this resistor can be increased to
well over 100X where the rise and fall times will start to
become longer DC bias to the input pin is provided by Q5
and its associated input circuitry Z1 is a 56V zener that
generates the input bias voltage Q1 is a buffer to the zener
reference voltage with 50V generated at its emitter Q3 and
Q4 are connected as diodes Q2 is close to being a diode in
this circuit This configuration will give about 20V at the
collector of Q2 R2 and R3 are a voltage divider setting the
base of Q5 to about 35V This sets the emitter of Q5 to
about 28V the bias voltage of the video input This bias
voltage is necessary to assure that the entire video signal
stays within the active operating region of the LM1205
LM1207 The bias voltage goes through R6 a 20k resistor
to the video input at pin 6 R4 and R6 are of the same value
http
www nationalcom
11


Similar Part No. - LM1205

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM1205 LEIDITECH-LM1205 Datasheet
1Mb / 9P
   LCE P-Channel Enhancement Mode Power MOSFET
logo
LightKey Optoelectronic...
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AD LIGHTKEY-LM12057AD Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AG LIGHTKEY-LM12057AG Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AO LIGHTKEY-LM12057AO Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
More results

Similar Description - LM1205

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
Texas Instruments
LM1205A TI1-LM1205A Datasheet
1Mb / 26P
[Old version datasheet]   130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
National Semiconductor ...
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
   130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
   230 MHz Video Amplifier System with OSD Blanking
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com