Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCA1218RZKEK Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCA1218RZKEK
Description  Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCA1218RZKEK Datasheet(HTML) 1 Page - Vishay Siliconix

  RCA1218RZKEK Datasheet HTML 1Page - Vishay Siliconix RCA1218RZKEK Datasheet HTML 2Page - Vishay Siliconix RCA1218RZKEK Datasheet HTML 3Page - Vishay Siliconix RCA1218RZKEK Datasheet HTML 4Page - Vishay Siliconix RCA1218RZKEK Datasheet HTML 5Page - Vishay Siliconix RCA1218RZKEK Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RCA e3
www.vishay.com
Vishay Draloric
Revision: 08-Apr-14
1
Document Number: 20037
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive, Sulfur Resistant
Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
FEATURES
• Superior resistance against H2S-atmosphere
• Stability
R/R = 1 % for 1000 h at 70 °C
• Metal glaze on high quality ceramic
• Pure tin solder contacts on Ni barrier layer,
provides compatibility with lead (Pb)-free and
lead containing soldering processes
• AEC-Q200 qualified, rev. C compliant
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Notes
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional time.
• Marking: See document “Surface Mount Resistor Marking” (document number 20020).
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
CASE
SIZE
INCH
CASE
SIZE
METRIC
POWER RATING
P70 °C
W
LIMITING ELEMENT
VOLTAGE MAX.
V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
SERIES
RCA0402
0402
RR1005
0.063
50
± 50
± 0.5, ± 1
100 to 1.0M
E24; E96
± 100
± 0.5
10 to 1.0M
E24; E96
± 100
± 1
10 to 10M
E24; E96
± 200
± 1
1.0 to 9.76
E24; E96
± 200
± 5
1.0 to 10M
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 1.5 A
RCA0603
0603
RR1608
0.10
75
± 50
± 0.5, ± 1
100 to 10M
E24; E96
± 100
± 0.5
10 to 10M
E24; E96
± 100
± 1
1.0 to 10M
E24; E96
± 200
± 5
1.0 to 10M
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 2.0 A
RCA0805
0805
RR2012
0.125
150
± 50
± 0.5, ± 1
100 to 10M
E24; E96
± 100
± 0.5
10 to 10M
E24; E96
± 100
± 1
1.0 to 10M
E24; E96
± 200
± 5
1.0 to 10M
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 2.5 A
RCA1206
1206
RR3216
0.25
200
± 50
± 0.5, ± 1
100 to 10M
E24; E96
± 100
± 0.5
10 to 10M
E24; E96
± 100
± 1
1.0 to 10M
E24; E96
± 200
± 5
1.0 to 10M
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 3.5 A
RCA1210
1210
RR3225
0.5
200
± 50
± 0.5, ± 1
100 to 1.0M
E24; E96
± 100
± 0.5
10 to 1.0M
E24; E96
± 100
± 1
1.0 to 10M
E24; E96
± 200
± 5
1.0 to 10M
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 5.0 A
RCA1218
1218
RR3246
1.0
200
± 50
± 0.5, ± 1
100 to 2.2M
E24; E96
± 100
± 0.5
100 to 2.2M
E24; E96
± 100
± 1
1.0 to 2.2M
E24; E96
± 200
± 5
1.0 to 2.2M
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 7.0 A
RCA2010
2010
RR5025
0.75
400
± 50
± 0.5, ± 1
100 to 10M
E24; E96
± 100
± 0.5
10 to 10M
E24; E96
± 100
± 1
1.0 to 10M
E24; E96
± 200
± 5
1.0 to 10M
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 6.0 A
RCA2512
2512
RR6332
1.0
500
± 50
± 0.5, ± 1
100 to 10M
E24; E96
± 100
± 0.5
10 to 10M
E24; E96
± 100
± 1
1.0 to 10M
E24; E96
± 200
± 5
1.0 to 10M
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 7.0 A


Similar Part No. - RCA1218RZKEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCA1218 VISHAY-RCA1218 Datasheet
88Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
RCA1218-LSE3 VISHAY-RCA1218-LSE3 Datasheet
155Kb / 10P
   Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
More results

Similar Description - RCA1218RZKEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCA0603 VISHAY-RCA0603 Datasheet
88Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
RCAE3 VISHAY-RCAE3 Datasheet
81Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com