Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCA1218RJNEK Datasheet(PDF) 5 Page - Vishay Siliconix

Part # RCA1218RJNEK
Description  Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCA1218RJNEK Datasheet(HTML) 5 Page - Vishay Siliconix

  RCA1218RJNEK Datasheet HTML 1Page - Vishay Siliconix RCA1218RJNEK Datasheet HTML 2Page - Vishay Siliconix RCA1218RJNEK Datasheet HTML 3Page - Vishay Siliconix RCA1218RJNEK Datasheet HTML 4Page - Vishay Siliconix RCA1218RJNEK Datasheet HTML 5Page - Vishay Siliconix RCA1218RJNEK Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RCA e3
www.vishay.com
Vishay Draloric
Revision: 08-Apr-14
5
Document Number: 20037
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
All tests are carried out in accordance with the following specifications:
• EN 60115-1, generic specification
• EN 140400, sectional specification
• EN 140401-802, detail specification
• AEC-Q200, automotive specification
• IEC 60068-2, environmental test procedures
• ASTM B 809-95, standard test method for porosity in metallic coatings by humid sulfur.
Packaging of components is done in paper or blister tapes according to IEC 60286-3.
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC 60068-2
TEST METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
SIZE 0402
SIZE 0603 TO 2512
STABILITY CLASS 2 OR BETTER
Stability for product types:
1
 to 10 M
RCA e3
4.5
-
Resistance
-
0.5 %, ± 1 %, ± 5 %
4.8.4.2
-
Temperature coefficient
(20/- 55/20) °C and (20/125/20) °C
± 50 ppm/K, ± 100 ppm/K, ± 200 ppm/K
4.13
-
Short time overload
U = 2.5 x
 2 x U
max.;
duration: According to style
± (0.25 % R + 0.05
)
4.19
14 (Na)
Rapid change of
temperature
30 min. at - 55 °C;
30 min. at 125 °C
5 cycles
1000 cycles
± (0.25 % R + 0.05
)
± (1 % R + 0.05
)
4.25.1
-
Endurance
at 70 °C
U =
 U
max.;
1.5 h on; 0.5 h off;
70 °C , 1000 h
± (1 % R + 0.05
)
± (0.5 % R + 0.05
)
4.18.2
58 (Td)
Resistance to
soldering heat
Solder bath method
(260 ± 5) °C
(10 ± 1) s
± (0.25 % R + 0.05
)
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C;
(93 ± 3) % RH;
56 days
± (1 % R + 0.05
)
± (0.5 % R + 0.05
)
4.25.3
-
Endurance at
upper category
temperature
155 °C, 1000 h
± (0.5 % R + 0.05
)
P
70 x R
P
70 x R


Similar Part No. - RCA1218RJNEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCA1218 VISHAY-RCA1218 Datasheet
88Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
RCA1218-LSE3 VISHAY-RCA1218-LSE3 Datasheet
155Kb / 10P
   Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
More results

Similar Description - RCA1218RJNEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCA0603 VISHAY-RCA0603 Datasheet
88Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
RCAE3 VISHAY-RCAE3 Datasheet
81Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com