Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101704110001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 101704110001
Description  Messerleiste C/2 48 L철t
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

101704110001 Datasheet(HTML) 1 Page - ERNI Electronics

  101704110001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E S L
Stecklänge / mating length
E =
early mate, late break / voreilend
S = standard
L = late mate, early break / nacheilend
3,95
2,54
15 x 2,54 (=38,1)
Lötanschluss 0,6x0,6mm
/ solder terminal 0,6x0,6mm
Bauart 4 / t
ype 4
Anforderungsstufe 2 = 400 Steckzyklen
/ performance class 2 = 400 mating cycles
Fehlende Maße und Angaben nach IEC 60 603-2 / DIN EN 60 603-2
Missing information and dimensions per IEC 60 603-2 / DIN EN 60 603-2
a b c
-0,4
3
6 ±0,1
a1
c32
c1
a32
XXXXXXX
XXXXXXX
XXXXXXX
XXXXXXX
Anforderungsstufe
class
ERNI
ERNI
ERNI
ERNI
mating length
Stecklänge
RC 2
RC 2
RC 2
RC 2
Datum
date
53,9
48,26
max.
+0,1
2,5
47
101704110001
2:1
I
Messerleiste C/2 48 Löt
www.ERNI.com
contact one of the ERNI companies
Male Connector C/2 48 solder
Information:
Tolerances
Scale
All Dimensions
A3
STVC/2
Class
Index
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
7
8
5
3
4
S
S
S
S
S
S
S
S
c
b
a
6
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
E
E
E
E S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
L
L
L
L
S
S
S
S
S
S
S
S
S
S
S
S S
S
S
S
S
S
S
S
contact layout
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
E
E
E
E
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
L
L
L
L
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
2
16 15 14 13 12 11 10 9
Bestückungsplan /
1
2
13
Leiterplatten- Lochbild / PCB drillhole pattern
alle Löcher /
c
10
all holes
15 14
b
a
1
3
4
5
6
7
8
9
16
11
12
0,05
2,54
48,26
(=38,1)
2,8
+0,1
15 x 2,54
1 ±0,1


Similar Part No. - 101704110001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
101704240001 ERNI-101704240001 Datasheet
57Kb / 1P
   M 2,54 SRC-P, 3-polig
101704480001 ERNI-101704480001 Datasheet
69Kb / 1P
   M 1,27 SRC A, 4-polig KS
More results

Similar Description - 101704110001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
101003210089 ERNI-101003210089 Datasheet
88Kb / 1P
   Messerleiste C/2 48 L철t
101104110001 ERNI-101104110001 Datasheet
88Kb / 1P
   Messerleiste C/2 48 L철t
101004110001 ERNI-101004110001 Datasheet
88Kb / 1P
   Messerleiste C/2 48 L철t
100804110001 ERNI-100804110001 Datasheet
83Kb / 1P
   Messerleiste R/2, 48 L철t
100904110001 ERNI-100904110001 Datasheet
74Kb / 1P
   Messerleiste C/2 30 L철t
100703210096 ERNI-100703210096 Datasheet
79Kb / 1P
   Messerleiste C 64 L철t
101103210089 ERNI-101103210089 Datasheet
94Kb / 1P
   Messerleiste C 96 L철t
101204110001 ERNI-101204110001 Datasheet
88Kb / 1P
   Federleiste C/2 48 L철t
100903210171 ERNI-100903210171 Datasheet
81Kb / 1P
   Messerleiste C 64 L철t
101404110001 ERNI-101404110001 Datasheet
83Kb / 1P
   Messerleiste C 66 L철t
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com