Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL20C2-00SADJ-VJ Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL20C2-00SADJ-VJ
Description  C-Class Non-Isolated POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL20C2-00SADJ-VJ Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL20C2-00SADJ-VJ Datasheet HTML 1Page - Artesyn Technologies SIL20C2-00SADJ-VJ Datasheet HTML 2Page - Artesyn Technologies SIL20C2-00SADJ-VJ Datasheet HTML 3Page - Artesyn Technologies SIL20C2-00SADJ-VJ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
SIL/SMT20C2 Series
C-Class Non-Isolated
Total Power:
20 Amps
Input Voltage: 4.5 - 13.8 Vdc
# of Outputs:
Single
SPECIAL FEATURES
ƒ
20 A current rating
ƒ
Input voltage range: 4.5 - 13.8 Vdc
ƒ
Output voltage: 0.59 - 5.1 V
ƒ
Industry-leading value
ƒ
Cost optimized design
ƒ
Excellent transient response
ƒ
Output enable
ƒ
Output voltage adjustability
ƒ
Path for future upgrades
ƒ
Supports silicon voltage migration
ƒ
Reduced design-in and qual time
ƒ
Current sink capability
ƒ
RoHS compliant
ƒ
Two year warranty
SAFETY
ƒ
UL, cUL CAN/CSA 22.2 No.
ƒ
TÜV Product Service (EN60950)
ƒ
CB report and certificate to
IEC60950
Electrical Specifications
Input
Input voltage range
4.5 - 13.8 Vdc
Input current
Minimum load
Remote OFF
50 mA
5 mA
Input current (max.)
See Note 3
18 A @ lo max.
Start-up time
Remote ON/OFF
3 ms
Output
Output voltage
See Note 5
0.59 - 5.1 V
Output setpoint accuracy
0.1% trim resistors
±1.0%
Line regulation
Low line to high line
±0.2%
Load regulation
Full load to min. load
±0.5%
Min./max. load
0 A/20 A
Overshoot
At turn-on
0.5% max.
Undershoot
At turn-off
100 mV max.
Ripple and noise
5 Hz to 20 MHz
See Note 1
30 mV
Vin = 5 V, Vout = 2.5 V
Transient response
See Note 1, 2
130 mV max. deviation; 50 μs
recovery to within regulation band
General
Efficiency
Vin = 5 V, Vo = 2.5 V, lo = 20 A
90%
Switching frequency
Fixed
750 kHz
Material flammability
UL94V-0
Approvals and standards
EN60950; UL/cUL6950
Weight
8.50 g (0.03 oz.)
MTBF
12 V @ 40 °C, 100% load
Bellcore 332
6,721,853 hours
Coplanarity
150 μm
All specifications are typical at nominal input, full load at 25 °C, unless otherwise stated.
Data Sheet


Similar Part No. - SIL20C2-00SADJ-VJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL20C2-00SADJ-VJ ARTESYN-SIL20C2-00SADJ-VJ Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SIL20C2-00SADJ-VJ ARTESYN-SIL20C2-00SADJ-VJ Datasheet
606Kb / 4P
   4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL20C2-00SADJ-VJ EMERSON-NETWORKPOWER-SIL20C2-00SADJ-VJ Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SIL20C2-00SADJ-VJ EMERSON-NETWORKPOWER-SIL20C2-00SADJ-VJ Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL20C2-00SADJ-VJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30C-12SADJ-VJ ARTESYN-SIL30C-12SADJ-VJ_15 Datasheet
555Kb / 3P
   C-Class Non-Isolated POWER
SMT30C-12SADJJ ARTESYN-SMT30C-12SADJJ_15 Datasheet
553Kb / 3P
   POWER C-Class Non-Isolated
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ_15 Datasheet
563Kb / 3P
   POWER C-Class Non-Isolated
SIL06C-05SADJ-VJ ARTESYN-SIL06C-05SADJ-VJ_15 Datasheet
524Kb / 3P
   C-Class Non-Isolated POWER
SIL40C2-00SADJ-VJ ARTESYN-SIL40C2-00SADJ-VJ_15 Datasheet
633Kb / 4P
   C-Class Non-Isolated
SIL80C2-00SADJ-HJ ARTESYN-SIL80C2-00SADJ-HJ Datasheet
1Mb / 6P
   POWER C-Class Non-Isolated; 80 Amps
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com