Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6933 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS7B6933
Description  150-mA, 40-V Ultralow-Quiescent-Current LDO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6933 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7B6933 Datasheet HTML 3Page - Texas Instruments TPS7B6933 Datasheet HTML 4Page - Texas Instruments TPS7B6933 Datasheet HTML 5Page - Texas Instruments TPS7B6933 Datasheet HTML 6Page - Texas Instruments TPS7B6933 Datasheet HTML 7Page - Texas Instruments TPS7B6933 Datasheet HTML 8Page - Texas Instruments TPS7B6933 Datasheet HTML 9Page - Texas Instruments TPS7B6933 Datasheet HTML 10Page - Texas Instruments TPS7B6933 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
I (DC)
O
V (AC)
O
100 mV/div
50 mA/div
I (DC)
O
V (AC)
O
100 mV/div
50 mA/div
I (DC)
O
V (AC)
O
100 mV/div
50 mA/div
I (DC)
O
V (AC)
O
100 mV/div
50 mA/div
Frequency (Hz)
1E+1
1E+2
1E+3
1E+4
1E+5
1E+6
1E+7 5E+7
0
10
20
30
40
50
60
70
80
90
D006
ESR of Output Capacitance ( )
0.001
0.5
1
1.5
2
2.2
20
40
60
80
100
D007
Stable Region
7
TPS7B6933, TPS7B6950
www.ti.com
SLVSDI2 – APRIL 2016
Product Folder Links: TPS7B6933 TPS7B6950
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
IO = 10 mA
VI = 14 V
TA = 25°C
CO = 2.2 µF
Figure 9. Power Supply Rejection Ratio
Figure 10. ESR Stability vs Output Capacitance
VI = 14 V
CO = 2.2 µF
1 ms/div
VO = 5 V
Figure 11. Load Transient (1 to 100 mA, 5 V)
VI = 14 V
CO = 2.2 µF
1 ms/div
VO = 3.3 V
Figure 12. Load Transient (1 to 100 mA, 3.3 V)
VI = 14 V
CO = 2.2 µF
1 ms/div
VO = 5 V
Figure 13. Load Transient (1 to 150 mA, 5 V)
VI = 14 V
CO = 2.2 µF
1 ms/div
VO = 3.3 V
Figure 14. Load Transient (1 to 150 mA, 3.3 V)


Similar Part No. - TPS7B6933

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6933-Q1 TI1-TPS7B6933-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6933-Q1 TI1-TPS7B6933-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
TECH PUBLIC Electronics...
TPS7B6933DBVR-TP TECHPUBLIC-TPS7B6933DBVR-TP Datasheet
3Mb / 7P
   250mA, 40V Ultralo-Quiescent-Current LDO
logo
Texas Instruments
TPS7B6933QDBVRQ1 TI1-TPS7B6933QDBVRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6933QDBVRQ1 TI1-TPS7B6933QDBVRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Similar Description - TPS7B6933

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6333-Q1 TI1-TPS7B6333-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1_17 Datasheet
1Mb / 32P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Microchip Technology
MCP1801 MICROCHIP-MCP1801_09 Datasheet
408Kb / 26P
   150 mA, High PSRR, Low Quiescent Current LDO
2009
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
logo
Microchip Technology
MCP1801 MICROCHIP-MCP1801 Datasheet
366Kb / 24P
   150 mA, High PSRR, Low Quiescent Current LDO
2007
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com