Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6933QDBVRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7B6933QDBVRQ1
Description  High-Voltage Ultra-Low IQ Low-Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6933QDBVRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7B6933QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS7B6933QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS7B6933QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS7B6933QDBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS7B6933QDBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS7B6933QDBVRQ1 Datasheet HTML 12Page - Texas Instruments TPS7B6933QDBVRQ1 Datasheet HTML 13Page - Texas Instruments TPS7B6933QDBVRQ1 Datasheet HTML 14Page - Texas Instruments TPS7B6933QDBVRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TPS7B6925-Q1, TPS7B6933-Q1, TPS7B6950-Q1
www.ti.com
SLVSCJ8B – NOVEMBER 2014 – REVISED JANUARY 2015
Feature Description (continued)
8.3.5 Thermal Shutdown
The TPS7B69xx-Q1 family of devices incorporates a thermal-shutdown (TSD) circuit as a protection from
overheating. For continuous normal operation, the junction temperature should not exceed the TSD trip point. If
the junction temperature exceeds the TSD trip point, the output turns off. When the junction temperature falls
below the TSD trip point minus the hysteresis of TSD, the output turns on again. This cycling limits the
dissipation of the regulator, protecting it from damage as a result of overheating.
The purpose of the design of the internal protection circuitry of the TPS7B69xx-Q1 family of devices is for
protection against overload conditions, not as a replacement for proper heat-sinking. Continuously running the
TPS7B69xx-Q1 family of devices into thermal shutdown degrades device reliability.
8.4 Device Functional Modes
8.4.1 Operation With VI Less Than 4 V
The TPS7B69xx-Q1 family of devices operates with input voltages above 4 V. The maximum UVLO voltage is 3
V and the device operates at an input voltage above 4 V. The device can also operate at lower input voltages; no
minimum UVLO voltage is specified. At input voltages below the actual UVLO, the device shuts down.
8.4.2 Operation With VI Greater Than 4 V
When VI is greater than 4 V, if the input voltage is higher than VO plus the dropout voltage, the output voltage is
equal to the set value. Otherwise, the output voltage is equal to VI minus the dropout voltage.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS7B6925-Q1 TPS7B6933-Q1 TPS7B6950-Q1


Similar Part No. - TPS7B6933QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6933QDBVRQ1 TI1-TPS7B6933QDBVRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Similar Description - TPS7B6933QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6925-Q1 TI1-TPS7B6925-Q1_17 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI-TPS7B6925-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS7B69xx-Q1 High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Texas Instruments
TPS7A6933QDRQ1 TI-TPS7A6933QDRQ1 Datasheet
7Mb / 26P
[Old version datasheet]   High-Voltage Ultralow-Iq Low-Dropout Regulator
logo
Unisonic Technologies
UR75XX UTC-UR75XX Datasheet
222Kb / 9P
   HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com