Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79325DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79325DBVR
Description  Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79325DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS79325DBVR Datasheet HTML 7Page - Texas Instruments TPS79325DBVR Datasheet HTML 8Page - Texas Instruments TPS79325DBVR Datasheet HTML 9Page - Texas Instruments TPS79325DBVR Datasheet HTML 10Page - Texas Instruments TPS79325DBVR Datasheet HTML 11Page - Texas Instruments TPS79325DBVR Datasheet HTML 12Page - Texas Instruments TPS79325DBVR Datasheet HTML 13Page - Texas Instruments TPS79325DBVR Datasheet HTML 14Page - Texas Instruments TPS79325DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
_
+
Thermal
Shutdown
Current
Sense
R1
R2
GND
EN
SHUTDOWN
Vref
UVLO
ILIM
250 kW
NR
QuickStart
Bandgap
Reference
1.22 V
UVLO
2.45 V
R2 = 40 kW
IN
IN
OUT
_
+
Thermal
Shutdown
Bandgap
Reference
1.22 V
Current
Sense
R2
GND
EN
SHUTDOWN
Vref
UVLO
ILIM
External to
the Device
R1
UVLO
2.45 V
250 kW
NR
FB
59 k
QuickStart
OUT
IN
IN
11
TPS793
www.ti.com
SLVS348L – JULY 2001 – REVISED MAY 2015
Product Folder Links: TPS793
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS793 family of LDO regulators has been optimized for use in noise-sensitive battery-operated equipment.
The device features extremely low dropout voltages, high PSRR, ultralow output noise, low quiescent current
(170 μA typically), and enable-input to reduce supply currents to less than 1 μA when the regulator is turned off.
7.2 Functional Block Diagrams
Figure 21. TPS79301 Block Diagram (Adjustable Version)
Figure 22. TPS793 Block Diagram (Fixed Version)


Similar Part No. - TPS79325DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79325DBVR TI-TPS79325DBVR Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS79325DBVR TI1-TPS79325DBVR Datasheet
934Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS79325DBVR TI-TPS79325DBVR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS79325DBVR TI1-TPS79325DBVR Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS79325DBVR TI1-TPS79325DBVR Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
More results

Similar Description - TPS79325DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793 TI1-TPS793_17 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79333 TI-TPS79333_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS793 TI-TPS793_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79301 TI-TPS79301 Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com