Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS793XX-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS793XX-Q1
Description  Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS793XX-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS793XX-Q1 Datasheet HTML 1Page - Texas Instruments TPS793XX-Q1 Datasheet HTML 2Page - Texas Instruments TPS793XX-Q1 Datasheet HTML 3Page - Texas Instruments TPS793XX-Q1 Datasheet HTML 4Page - Texas Instruments TPS793XX-Q1 Datasheet HTML 5Page - Texas Instruments TPS793XX-Q1 Datasheet HTML 6Page - Texas Instruments TPS793XX-Q1 Datasheet HTML 7Page - Texas Instruments TPS793XX-Q1 Datasheet HTML 8Page - Texas Instruments TPS793XX-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
2
4
6
1
IN
GND
EN
OUT
BYPASS
5
FB
3
2
4
5
1
IN
GND
EN
OUT
BYPASS
3
TPS793-Q1
www.ti.com
SGLS162I – APRIL 2003 – REVISED MARCH 2016
Product Folder Links: TPS793-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
(1)
Product Preview
5 Voltage Options
OUTPUT VOLTAGE
ORDERABLE PART NUMBER
SYMBOL
1.2 V to 5.5 V
TPS79301DBVRQ1
PGV1
1.8 V
TPS79318DBVRQ1
PHH1
2.5 V
TPS79325DBVRQ1
PGW1
2.8 V
TPS79328DBVRQ1
PGX1
2.85 V
TPS793285QDBVRQ1
PHI1
3 V
TPS79330QDBVRQ1
PGY1
3.3 V
TPS79333DBVRQ1
PHU1
4.75 V
TPS793475QDBVRQ1(1)
PHJ1
6 Pin Configuration and Functions
Fixed Option: DBV Package
6-Pin SOT-23
Top View
Adjustable Option: DBV Package
6-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
ADJ
FIXED
BYPASS
4
4
An external bypass capacitor, connected to this terminal, in conjunction with an internal
resistor, creates a low-pass filter to further reduce regulator noise.
EN
3
3
I
Enable input that enables or shuts down the device. When EN goes to a logic high, the
device is enabled. When the device goes to a logic low, the device is in shutdown mode.
FB
5
N/A
I
Feedback input voltage for the adjustable device
GND
2
2
Regulator ground
IN
1
1
I
Input to the device
OUT
6
5
O
Regulated output of the device


Similar Part No. - TPS793XX-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793xx TI-TPS793xx Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
More results

Similar Description - TPS793XX-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com