Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9024 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA9024
Description  DA9024 Quad 1.2A Buck PMIC with Audio Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9024 Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA9024 Datasheet HTML 1Page - Dialog Semiconductor DA9024 Datasheet HTML 2Page - Dialog Semiconductor DA9024 Datasheet HTML 3Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.dialog-semiconductor.com
DA9024
DA9024 Quad 1.2A Buck PMIC with Audio Drivers
The DA9024 is a quad buck 1.2A per channel PMIC with 20 linear regulators, an integrated,
class-G, true-ground capless headphone driver, and a class D speaker driver, enabling
supply domain flexibility to support associated peripherals and user interface functions.
Controlled by a programmable digital power manager the user-programmable switched and linear
regulators have configurable startup sequences, levels and timing. For optimal processor energy-
per-task performance dynamic voltage scaling is available on four supply domains.
All linear regulators use Dialog’s Smart Mirror™ dynamic biasing technique which maintains high
performance over a wide range of operating conditions and a power saving mode (Sleep Mode) to
minimize the quiescent current.
The regulators have output voltages independently programmable via the device control interface.
The buck converters do not require external Schottky diodes and offer a sleep mode (PFM mode)
for optimal efficiency at low load currents. All converters use a high switching frequency (2MHz)
allowing the use of small 2.2uH external inductors.
A backup battery charger and an ultra-low power real-time-clock (RTC) are also implemented on the
IC.
The DA9024 contains a class-G true-ground “capless “headphone driver and a Class D Speaker
driver, with Power-Limiter, along with two differential or four single ended input channels with analog
routing/mixing.
The DA9024 is controlled by a bidirectional I2C interface and can operate in Standard Mode (up
to 400kHz) and High Speed Mode (up to 1.7Mhz) allowing for a highly flexible configuration of end
applications.


Similar Part No. - DA9024

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9021 DIALOG-DA9021 Datasheet
2Mb / 142P
   System PMIC with high efficiency USB power manager
DA9022 DIALOG-DA9022 Datasheet
2Mb / 142P
   System PMIC with high efficiency USB power manager
More results

Similar Description - DA9024

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9055 DIALOG-DA9055 Datasheet
769Kb / 3P
   2 Channel buck PMIC & Audio codec with capless
logo
Microchip Technology
MIC4467 MICROCHIP-MIC4467 Datasheet
1Mb / 18P
   Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
logo
Alpha & Omega Semicondu...
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
   1.2A Buck LED Driver
logo
Renesas Technology Corp
ISL91212A RENESAS-ISL91212A Datasheet
2Mb / 52P
   Triple/Quad Output PMIC with I2C Interface
Feb 20, 2020
logo
ON Semiconductor
NCP6332B ONSEMI-NCP6332B Datasheet
260Kb / 14P
   1.2A Synchronous Buck Converter
November, 2012 ??Rev. 2
logo
Exar Corporation
XRP7720 EXAR-XRP7720 Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
logo
Alpha & Omega Semicondu...
AOZ1084 AOSMD-AOZ1084 Datasheet
943Kb / 12P
   1.2A Buck LED Driver
Rev. 1.0 June 2015
logo
Semtech Corporation
SC21152 SEMTECH-SC21152 Datasheet
1Mb / 18P
   Tiny 1.2A Synchronous Buck Regulator with Power Good
logo
ON Semiconductor
NCP6332 ONSEMI-NCP6332_12 Datasheet
260Kb / 14P
   3MHz, 1.2A Synchronous Buck Converter
November, 2012 ??Rev. 2
logo
Alpha & Omega Semicondu...
AOZ1282DI AOSMD-AOZ1282DI Datasheet
715Kb / 13P
   EZBuck??1.2A Simple Buck Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com