Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS793285DBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS793285DBVR
Description  Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS793285DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS793285DBVR Datasheet HTML 3Page - Texas Instruments TPS793285DBVR Datasheet HTML 4Page - Texas Instruments TPS793285DBVR Datasheet HTML 5Page - Texas Instruments TPS793285DBVR Datasheet HTML 6Page - Texas Instruments TPS793285DBVR Datasheet HTML 7Page - Texas Instruments TPS793285DBVR Datasheet HTML 8Page - Texas Instruments TPS793285DBVR Datasheet HTML 9Page - Texas Instruments TPS793285DBVR Datasheet HTML 10Page - Texas Instruments TPS793285DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
0
0.05
0.10
0.15
0.20
0.25
0.30
100
1 k
10 k
100 k
Frequency (Hz)
IOUT = 1 mA
IOUT = 200 mA
VIN = 3.8 V
COUT = 10 F
m
CNR = 0.1 F
m
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
1 k
10 k
100 k
Frequency (Hz)
VIN = 3.8 V
IOUT = 200 mA
COUT = 10 F
m
CNR = 0.1 F
m
CNR = 0.001 F
m
CNR = 0.0047 F
m
CNR = 0.01 F
m
0
50
100
150
200
250
−40 −25 −10 5
20 35
50 65
80
95 110 125
TJ (°C)
IOUT = 1 mA
VIN = 3.8 V
COUT = 10 F
m
IOUT = 200 mA
0
0.05
0.10
0.15
0.20
0.25
0.30
100
1 k
10 k
100 k
Frequency (Hz)
IOUT = 1 mA
VIN = 3.8 V
COUT = 2.2 F
m
CNR = 0.1 F
m
IOUT = 200 mA
2.795
2.796
2.797
2.798
2.799
2.800
2.801
2.802
2.803
2.804
2.805
0
50
100
150
200
IOUT (mA)
VIN = 3.8 V
COUT = 10 F
m
TJ = 25 C
°
2.775
2.780
2.785
2.790
2.795
2.800
2.805
−40 −25 −10 5
20 35
50 65
80 95 110 125
TJ (°C)
IOUT = 200 mA
IOUT = 1 mA
VIN = 3.8 V
COUT = 10 F
m
7
TPS793
www.ti.com
SLVS348L – JULY 2001 – REVISED MAY 2015
Product Folder Links: TPS793
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
6.6 Typical Characteristics
Over recommended operating temperature range TJ = –40°C to 125°C, VEN = VIN, VIN = VOUT(nom) + 1 V, IOUT = 1 mA, COUT =
10 μF, CNR = 0.01 μF, VOUT(nom) = 2.8 V (unless otherwise noted). Typical values are at TJ = 25°C.
Figure 1. TPS79328 Output Voltage vs Output Current
Figure 2. TPS79328 Output Voltage vs Junction
Temperature
Figure 3. TPS79328 Ground Current vs Junction
Temperature
Figure 4. TPS79328 Output Spectral Noise Density vs
Frequency
Figure 5. TPS79328 Output Spectral Noise Density vs
Frequency
Figure 6. TPS79328 Output Spectral Noise Density vs
Frequency


Similar Part No. - TPS793285DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793285DBVR TI-TPS793285DBVR Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS793285DBVR TI1-TPS793285DBVR Datasheet
934Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS793285DBVR TI-TPS793285DBVR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS793285DBVR TI1-TPS793285DBVR Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793285DBVR TI1-TPS793285DBVR Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
More results

Similar Description - TPS793285DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793 TI1-TPS793_17 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79333 TI-TPS79333_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS793 TI-TPS793_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79301 TI-TPS79301 Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com