Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79325DBVRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79325DBVRQ1
Description  Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79325DBVRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS79325DBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
TPS793-Q1
www.ti.com
SGLS162I – APRIL 2003 – REVISED MARCH 2016
Product Folder Links: TPS793-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
(1)
Minimum VIN is 2.7 V or VOUT + VDO, whichever is greater.
(2)
For adjustable versions, this parameter applies only after VIN is applied; then VEN transitions high to low.
7.5 Electrical Characteristics
over recommended operating free-air temperature range, EN = VI, TJ = –40 to 125°C, VI = VO(typ) + 1 V, IO = 1 mA, Co = 10
μF, C(byp) = 0.01 μF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage(1)
2.7
5.5
V
IO
Continuous output current
0
200
mA
TJ
Operating junction temperature
–40
125
°C
Output voltage
TPS79301-Q1
0
μA < IO < 200 mA
VFB
5.5 –
VDROPOUT
V
TPS79318-Q1
TJ = 25°C
1.8
0
μA < IO < 200 mA,
2.8 V < VI < 5.5 V
1.764
1.836
TPS79325-Q1
TJ = 25°C
2.5
0
μA < IO < 200 mA,
3.5 V < VI < 5.5 V
2.45
2.55
TPS79328-Q1
TJ = 25°C
2.8
0
μA < IO < 200 mA,
3.8 V < VI < 5.5 V
2.744
2.856
TPS79330-Q1
TJ = 25°C
3
0
μA < IO < 200 mA,
4 V < VI < 5.5 V
2.94
3.06
TPS79333-Q1
TJ = 25°C
3.3
0
μA < IO < 200 mA,
4.3 V < VI < 5.5 V
3.234
3.366
TPS793475-Q1
TJ = 25°C
4.75
0
μA < IO < 200 mA,
5.25 V < VI < 5.5 V
4.655
4.845
Quiescent current (GND current)
0
μA < IO < 200 mA,
TJ = 25°C
170
μA
0
μA < IO < 200 mA
220
Load regulation
0
μA < IO < 200 mA,
TJ = 25°C
5
mV
Output voltage line regulation (
ΔVO/VO)
VO + 1 V < VI ≤ 5.5 V, TJ = 25°C
0.05
%/V
VO + 1 V < VI ≤ 5.5 V
0.12
Output noise voltage
TPS79328-Q1
BW = 200 Hz to 100
kHz,
IO = 200 mA, TJ =
25°C
C(byp) = 0.001 μF
55
μVRMS
C(byp) = 0.0047 μF
36
C(byp) = 0.01 μF
33
C(byp) = 0.1 μF
32
Time, start-up
TPS79328-Q1
RL = 14 Ω,
Co = 1 μF, TJ = 25°C
C(byp) = 0.001 μF
50
μs
C(byp) = 0.0047 μF
70
C(byp) = 0.01 μF
100
Output current limit
VO = 0 V
285
600
mA
Standby current(2)
EN = 0 V,
2.7 V < VI < 5.5 V
0.07
1
μA
High-level enable input voltage
2.7 V < VI < 5.5 V
2
V
Low-level enable input voltage
2.7 V < VI < 5.5 V
0.7
V
Input current (EN)
EN = 0
–1
1
μA
Input current (FB)
TPS79301-Q1
FB = 1.8 V
1
μA
Internal reference, VFB
TPS79301-Q1
1.201
1.225
1.250
V
Power-supply ripple
rejection
TPS79328-Q1
f = 100 Hz, TJ = 25°C,
IO = 10 mA
70
dB
IO = 200 mA
68
f = 10 kHz, TJ = 25°C,
IO = 200 mA
70
f = 100 kHz, TJ =
25°C,
43


Similar Part No. - TPS79325DBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79325DBVRQ1 TI-TPS79325DBVRQ1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79325DBVRQ1 TI-TPS79325DBVRQ1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79325DBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com