Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79418DCQ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79418DCQ
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79418DCQ Datasheet(HTML) 4 Page - Texas Instruments

  TPS79418DCQ Datasheet HTML 1Page - Texas Instruments TPS79418DCQ Datasheet HTML 2Page - Texas Instruments TPS79418DCQ Datasheet HTML 3Page - Texas Instruments TPS79418DCQ Datasheet HTML 4Page - Texas Instruments TPS79418DCQ Datasheet HTML 5Page - Texas Instruments TPS79418DCQ Datasheet HTML 6Page - Texas Instruments TPS79418DCQ Datasheet HTML 7Page - Texas Instruments TPS79418DCQ Datasheet HTML 8Page - Texas Instruments TPS79418DCQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
_
+
Thermal
Shutdown
Bandgap
Reference
1.225 V
VIN
Current
Sense
R2
IN
GND
EN
OUT
SHUTDOWN
Vref
UVLO
ILIM
External to
the Device
FB
R1
UVLO
250 k
NR(1)
(1) Not Available on DCQ (SOT223) options.
Quickstart
_
+
Thermal
Shutdown
VIN
Current
Sense
R1
R2
IN
GND
EN
OUT
SHUTDOWN
Vref
UVLO
ILIM
Bandgap
Reference
1.225 V
UVLO
250 k
NR
Quickstart
R2 = 40k
TPS794xx
SLVS349E – NOVEMBER 2001 – REVISED DECEMBER 2005
FUNCTIONAL BLOCK DIAGRAM—ADJUSTABLE VERSION
FUNCTIONAL BLOCK DIAGRAM—FIXED VERSION
Terminal Functions
TERMINAL
DESCRIPTION
DGN
DCQ
NAME
(MSOP)
(SOT223)
Connecting an external capacitor to this pin bypasses noise generated by the internal bandgap, which
NR
4
5
improves power-supply rejection and reduces output noise.
The EN terminal is an input that enables or shuts down the device. When EN is a logic high, the device
EN
6
1
is enabled. When the device is a logic low, the device is in shutdown mode.
FB
3
5
Feedback input voltage for the adjustable device.
GND
5, PAD
3, 6
Regulator ground
IN
8
2
Unregulated input to the device.
NC
2, 7
No internal connection.
OUT
1
4
Regulator output
4
Submit Documentation Feedback


Similar Part No. - TPS79418DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79418DCQ TI-TPS79418DCQ Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418DCQR TI-TPS79418DCQR Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79418DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418 TI-TPS79418_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79430 TI-TPS79430_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com