Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQS80A48-2V5J Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LQS80A48-2V5J
Description  Embedded Power for Business-Critical Continuity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LQS80A48-2V5J Datasheet(HTML) 1 Page - Artesyn Technologies

  LQS80A48-2V5J Datasheet HTML 1Page - Artesyn Technologies LQS80A48-2V5J Datasheet HTML 2Page - Artesyn Technologies LQS80A48-2V5J Datasheet HTML 3Page - Artesyn Technologies LQS80A48-2V5J Datasheet HTML 4Page - Artesyn Technologies LQS80A48-2V5J Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Embedded Power for
Business-Critical Continuity
LQS Series
Quarter-Brick Series
Special Features
• Ultrahighefficiencytopology
• Unprecedenteduseable
output power levels
• Highpowerdensity(200W/in3)
open-frametechnology
• Wideambienttemperature
range,-40˚C to +85 ˚C
•80%to110%outputtrim
•Monotonicstart-upinnormal
and prebiased loads
• Basicinsulationsystem
• Overvoltageand
overtemperature protection
• Secondarysidecontrol,no
optocouplers,fasttransient
response
• 100V,100msinputtransient
rated
• AvailableRoHScompliant
Total Power:
200 Watts
Input Voltage: 36 V to 75 V
# of Outputs:
1
Electrical Specifications
Safety
Input
Inputvoltagerange:
24Vnominal
48Vnominal
18-36Vdc
36-75Vdc
Inputcurrent:
No load
RemoteOFF
85mAto150mA
5mA
ActivehighremoteON/OFF:
Logiccompatibility
ON
OFF
Opencollectorrefto-input
Opencircuitor>2.4Vdc
<0.4Vdc
Undervoltagelockout:
Power up
Power down
35.5V(typ.)
33.5V(typ.)
Start-uptime(Seenote2):
Power up
RemoteON/OFF
10ms(typ.)
10ms(typ.)
Output
Voltageadjustability:
80%to110%
Minimumload:
0%
Overshoot
Atturn-onandturn-off
None
Undershoot:
None
Transientresponse:
(Seenote1)
70mV,typ.deviation
20µsrecovery
UL,cUL 60950-1Ed2
CSAC22.2No60950-1Ed2
VDEEN60950-1:2006+A11:2009
Rev. 09.29.10
LQS Series
1 of 5


Similar Part No. - LQS80A48-2V5J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LQS80A48-2V5J EMERSON-NETWORKPOWER-LQS80A48-2V5J Datasheet
145Kb / 4P
   High Current, High Efficiency, Low Profile
LQS80A48-2V5J EMERSON-NETWORKPOWER-LQS80A48-2V5J Datasheet
145Kb / 4P
   Quarter-Brick Series
More results

Similar Description - LQS80A48-2V5J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
   Embedded Power for Business-Critical Continuity
PTH05050 ARTESYN-PTH05050_08 Datasheet
417Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
   Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
   Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05010 ARTESYN-PTH05010_09 Datasheet
593Kb / 5P
   Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
NPS42-M EMERSON-NETWORKPOWER-NPS42-M Datasheet
430Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
DS1200HE ARTESYN-DS1200HE Datasheet
211Kb / 9P
   Embedded Power for Business-Critical Continuity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com