Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1205N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1205N
Description  130 MHz/85 MHz RGB Video Amplifier System with Blanking
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1205N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1205N Datasheet HTML 1Page - National Semiconductor (TI) LM1205N Datasheet HTML 2Page - National Semiconductor (TI) LM1205N Datasheet HTML 3Page - National Semiconductor (TI) LM1205N Datasheet HTML 4Page - National Semiconductor (TI) LM1205N Datasheet HTML 5Page - National Semiconductor (TI) LM1205N Datasheet HTML 6Page - National Semiconductor (TI) LM1205N Datasheet HTML 7Page - National Semiconductor (TI) LM1205N Datasheet HTML 8Page - National Semiconductor (TI) LM1205N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
Pins 3 11 22 23 25 (Note 3)
15V
Peak Video Output Source Current
(Any One Amp) Pins 17 20 or 26
28 mA
Voltage at Any Input Pin (VIN)VCC t VIN t GND
Power Dissipation (PD)
(Above 25 C Derate Based on iJA and TJ)
25W
Thermal Resistance (iJA)50 CW
Junction Temperature (TJ)
150 C
ESD Susceptibility (Note 4)
2 kV
Pins 12 13 and 14
19 kV
Storage Temperature
b
65 Cto150 C
Lead Temperature (Soldering 10 sec)
265 C
Operating Ratings (Note 2)
Temperature Range
b
20 Cto80 C
Supply Voltage (VCC)
108V s VCC s 132V
DC Electrical Characteristics See DC Test Circuit (Figure 2 ) TA e 25 C VCC1 e VCC2 e 12V V12 e 4V
V14 e 0V Vcut-off e 10V V13 e 4V Vdrive e 4V unless otherwise stated
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 5)
(Note 6)
IS
Supply Current
VCC1 a VCC2 RL e % (Note 7)
90
105
mA (max)
V4 6 9
Video Amplifier Input Bias Voltage
28
V
RIN
Video Input Resistance
Any One Amplifier
20
kX
V14l
Clamp Gate Low Input Voltage
Clamp Comparators On
12
08
V (max)
V14h
Clamp Gate High Input Voltage
Clamp Comparators Off
16
20
V (min)
I14l
Clamp Gate Low Input Current
V14 e 0V
b
1
b
5
m
A (max)
I14h
Clamp Gate High Input Current
V14 e 12V
001
10
m
A (max)
Iclamp
Clamp Cap Charge Current
Clamp Comparators On
g
750
g
500
m
A (min)
Ibias
Clamp Cap Bias Discharge Current
Clamp Comparators Off
500
nA
V13l
Blank Gate Low Input Voltage
Blank Gate On
12
08
V (max)
V13h
Blank Gate High Input Voltage
Blank Gate Off
16
20
V (min)
I13l
Blank Gate Low Input Current
V13 e 0V
b
85
b
110
m
A (max)
I13h
Blank Gate High Input Current
V13 e 12V
001
10
m
A (max)
VOL
Video Output Low Voltage
Vcut-off e 0V
015
05
V (max)
VOH
Video Output High Voltage
Vcut-off e 9V
75
7
V (min)
VO(1V)
Video Black Level Output Voltage
Vcut-off e 1V
10
V (Note 8)
D
VO(1V)
Video D Black Level Output Voltage
Between Any Two Amplifiers
g
100
mV (max)
Vcut-off e 1V
VOL(blanked)
Video Output Blanked Voltage
V13 e 0V
35
70
mV (max)
I12 15 18 or 28
ContrastDrive Control Input Current
Vcontrast e Vdrive e 0V to 4V
b
250
nA
I16 19 and 27
Cut-Off Control Input Current (All Inputs)
Vcut-off e 0V to 4V
b
500
nA
Vspot
Spot Killer Voltage
VCC Adjusted to Activate
104
108
V (max)
http
www nationalcom
2


Similar Part No. - LM1205N

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM1205 LEIDITECH-LM1205 Datasheet
1Mb / 9P
   LCE P-Channel Enhancement Mode Power MOSFET
logo
LightKey Optoelectronic...
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AD LIGHTKEY-LM12057AD Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AG LIGHTKEY-LM12057AG Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AO LIGHTKEY-LM12057AO Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
More results

Similar Description - LM1205N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
Texas Instruments
LM1205A TI1-LM1205A Datasheet
1Mb / 26P
[Old version datasheet]   130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
National Semiconductor ...
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
   130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
   230 MHz Video Amplifier System with OSD Blanking
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com