Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKE71 Datasheet(PDF) 1 Page - International Rectifier

Part # IRKE71
Description  ADD-A-pak GEN V Power Modules
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKE71 Datasheet(HTML) 1 Page - International Rectifier

  IRKE71 Datasheet HTML 1Page - International Rectifier IRKE71 Datasheet HTML 2Page - International Rectifier IRKE71 Datasheet HTML 3Page - International Rectifier IRKE71 Datasheet HTML 4Page - International Rectifier IRKE71 Datasheet HTML 5Page - International Rectifier IRKE71 Datasheet HTML 6Page - International Rectifier IRKE71 Datasheet HTML 7Page - International Rectifier IRKE71 Datasheet HTML 8Page - International Rectifier IRKE71 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameters
IRK.56
IRK.71
Units
I
F(AV)
@100°C
I
F(RMS)
94
126
A
I
FSM
@ 50Hz
1600
1790
A
@ 60Hz
1680
1870
A
I
2t @ 50Hz
12.89
15.90
KA
2s
@ 60Hz
11.76
14.53
KA
2s
I
2√t
128.9
159
KA
2√s
V
RRM
range
400 to 1600
V
T
J
- 40 to 150
oC
T
STG
- 40 to150
oC
60
80
A
Major Ratings and Characteristics
ADD-A-pakTM GEN V Power Modules
STANDARD DIODES
IRK.56, .71 SERIES
Bulletin I27140 rev. E 10/02
1
www.irf.com
60 A
80 A
Features
High Voltage
Industrial Standard Package
Thick Al metal die and double stick bonding
Thick copper baseplate
UL E78996 approved
3500V
RMS isolating voltage
Benefits
Up to 1600V
Full compatible TO-240AA
High Surge capability
Easy Mounting on heatsink
Al
203 DBC insulator
Heatsink grounded
Mechanical Description
The Generation V of Add-A-pak module combine the
excellent thermal performance obtained by the usage
of Direct Bonded Copper substrate with superior
mechanical ruggedness, thanks to the insertion of a
solid Copper baseplate at the bottom side of the device.
The Cu baseplate allow an easier mounting on the
majority of heatsink with increased tolerance of surface
roughness and improve thermal spread.
The Generation V of AAP module is manufactured
without hard mold, eliminating in this way any possible
direct stress on the leads.
Electrical Description
These modules are intended for general purpose high
voltage applications such as high voltage regulated power
supplies, lighting circuits, temperature and motor speed
control circuits, UPS and battery charger.
The electrical terminals are secured against axial pull-out:
they are fixed to the module housing via a click-stop
feature already tested and proved as reliable on other IR
modules.


Similar Part No. - IRKE71

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKE166-04 IRF-IRKE166-04 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKE166-08 IRF-IRKE166-08 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKE166-12 IRF-IRKE166-12 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKE166-14 IRF-IRKE166-14 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKE166-16 IRF-IRKE166-16 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
More results

Similar Description - IRKE71

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK91 IRF-IRK91 Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKC91 IRF-IRKC91 Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRK71 IRF-IRK71 Datasheet
244Kb / 10P
   ADD-A-pak GEN V Power Modules
IRK-71 IRF-IRK-71 Datasheet
238Kb / 10P
   ADD - A - pak-TM GEN V Power Modules
IRK2.6 IRF-IRK2.6 Datasheet
155Kb / 8P
   ADD-A-pak-TM GEN V Power Modules
IRKV105 IRF-IRKV105 Datasheet
117Kb / 8P
   ADD-A-pak GEN V Power Modules THYRISTOR/ THYRISTOR
IRKT.71 IRF-IRKT.71 Datasheet
237Kb / 10P
   ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU41 IRF-IRKU41 Datasheet
178Kb / 9P
   ADD-A-pakTM GEN V Power Modules
IRK.26 IRF-IRK.26 Datasheet
150Kb / 8P
   ADD-A-pakTM GEN V Power Modules
IRKU105 IRF-IRKU105 Datasheet
121Kb / 8P
   ADD-A-pakTM GEN V Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com