Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDS100-24-U04 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LDS100-24-U04
Description  LED Lighting Power Supply - Class 2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDS100-24-U04 Datasheet(HTML) 1 Page - Artesyn Technologies

  LDS100-24-U04 Datasheet HTML 1Page - Artesyn Technologies LDS100-24-U04 Datasheet HTML 2Page - Artesyn Technologies LDS100-24-U04 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
LDS100 Series
LED Lighting Power Supply - Class 2
Total Power: 100 Watts
# of Outputs: Single
Special FeatureS
ƒ
Constant Current & Constant
Voltage operation
ƒ
Dimming options
ƒ
Free-Air rated - No forced air
necessary for cooling
compliance
ƒ
Class 2 Outputs
ƒ
IP64 to IP67 Water Protection
ƒ
CISPR 15 / FCC Part 15 EMI
Performance
ƒ
Class C Harmonics
ƒ
<1.5 W No-load power
ƒ
> 0.9 Power Factor
SaFety
ƒ
EN
61347-2-13
ƒ
UL
1310 / 8750
ƒ
CSA
C22.2 No. 107.1
ƒ
CE
Mark (LVD)
Warranty
Standard 5-Year Warranty
Electrical Specifications
Input
Input range nom:
100 - 240 Vac (U models); 120-277 Vac (H models)
Input range max:
90-264 Vac (U models); 90-305 Vac (H models); Derating may apply
Input frequency:
47 - 63 Hz
Inrush current:
< 50 A max., cold start @ 25 °C
Leakage current:
750 µA, at 264 Vac 50/60 Hz
Input power (no-load):
< 1.5 W, at no load
Input power (max):
< 118 W, at full load
Input fusing:
Internally fused
EMI/RFI:
CISPR 15
FCC Part 15
Efficiency (typical):
90% - 230 Vac
89% - 115 Vac
Output
Constant current:
Programmable current levels. Refer to model table for details
Constant voltage:
No load to Full load operation. Refer to model table for details
Output power:
100 W maximum. Class 2 rated outputs
Ripple voltage:
< 2%
Control and Protection
Current limit:
Programmable. Refer to model table for details
Protection:
Short Circuit
Overvoltage
Overtemperature
Data Sheet


Similar Part No. - LDS100-24-U04

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDS100-24-U04 ARTESYN-LDS100-24-U04 Datasheet
998Kb / 3P
   Dimming options
More results

Similar Description - LDS100-24-U04

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDS70-12-U00 ARTESYN-LDS70-12-U00 Datasheet
973Kb / 3P
   LED Lighting Power Supply - Class 2
LDS25-36-H03U ARTESYN-LDS25-36-H03U Datasheet
1Mb / 3P
   LED Lighting Power Supply
logo
Mitsumi Electronics, Co...
MM3760 MITSUMI-MM3760 Datasheet
52Kb / 3P
   LED Lighting power supply IC
logo
PULS GmbH
ML30.100 PULS-ML30.100 Datasheet
252Kb / 2P
   NEC Class 2 Power Supply
ML50.111 PULS-ML50.111 Datasheet
363Kb / 2P
   NEC Class 2 Power Supply
ML50.105 PULS-ML50.105 Datasheet
219Kb / 2P
   NEC Class 2 Power Supply
ML30.101 PULS-ML30.101 Datasheet
255Kb / 2P
   NEC Class 2 Power Supply
ML30.106 PULS-ML30.106 Datasheet
187Kb / 2P
   NEC Class 2 Power Supply
ML50.102 PULS-ML50.102 Datasheet
403Kb / 2P
   NEC Class 2 Power Supply
ML30.102 PULS-ML30.102 Datasheet
212Kb / 2P
   NEC Class 2 Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com