Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS799L54 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS799L54
Description  200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS799L54 Datasheet(HTML) 5 Page - Texas Instruments

  TPS799L54 Datasheet HTML 1Page - Texas Instruments TPS799L54 Datasheet HTML 2Page - Texas Instruments TPS799L54 Datasheet HTML 3Page - Texas Instruments TPS799L54 Datasheet HTML 4Page - Texas Instruments TPS799L54 Datasheet HTML 5Page - Texas Instruments TPS799L54 Datasheet HTML 6Page - Texas Instruments TPS799L54 Datasheet HTML 7Page - Texas Instruments TPS799L54 Datasheet HTML 8Page - Texas Instruments TPS799L54 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPS799L54, TPS799L57
www.ti.com
SBVS191B – APRIL 2012 – REVISED AUGUST 2014
6.5
Electrical Characteristics
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(TYP) + 0.3 V or 2.7 V, whichever is greater; IOUT = 1 mA,
VEN = VIN, COUT = 2.2 μF, CNR = 0.01 μF, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.7
6.5
V
Output voltage range
5.2
6.2
V
Output accuracy, nominal
TJ = 25°C
–1.0%
1.0%
VOUT
Output accuracy(1)
VOUT + 0.3 V ≤ VIN ≤ 6.5 V
–2.0%
±1.0%
2.0%
Over VIN, IOUT, temperature
500
μA ≤ IOUT ≤ 200 mA
ΔVO(ΔVI)
Line regulation(1)
VOUT(NOM) + 0.3 V ≤ VIN ≤ 6.5 V
0.02
%/V
ΔVO(ΔIO)
Load regulation
500
μA ≤ IOUT ≤ 200 mA
0.002
%/mA
Dropout voltage
VDO
VOUT ≥ 3.3 V, IOUT = 200 mA
90
160
mV
(VIN = VOUT(NOM) – 0.1 V)
ILIM
Output current limit(2)
VOUT = 0.9 × VOUT(NOM)
220
340
600
mA
IGND
Ground pin current
500
μA ≤ IOUT ≤ 200 mA
40
60
μA
ISHDN
Shutdown current (IGND)
VEN ≤ 0.4 V, 2.7 V ≤ VIN ≤ 6.5 V
0.15
1.0
μA
f = 100 Hz
70
dB
f = 1 kHz
66
dB
VIN = 6.5 V, VOUT = 2.85 V,
PSRR
Power-supply rejection ratio
CNR = 0.01 μF, IOUT = 100 mA f = 10 kHz
51
dB
f = 100 kHz
38
dB
CNR = 0.01 μF
10.5 × VOUT
μVRMS
VN
Output noise voltage
BW = 10 Hz to 100 kHz
CNR = none
94 × VOUT
μVRMS
CNR = 0.01 μF
90
μs
VOUT = 5.7 V,
Start-up time
RL = 28 Ω, COUT = 2.2 μF
CNR = none
95
μs
VEN(HI)
Enable high (enabled)
1.2
VIN
V
VEN(LO)
Enable low (shutdown)
0
0.4
V
IEN(HI)
Enable pin current, enabled
VEN = VIN = 6.5 V
0.03
1.0
μA
Shutdown, temperature increasing
165
°C
Thermal shutdown
Tsd
temperature
Reset, temperature decreasing
145
°C
Operating junction
TJ
–40
125
°C
temperature
Undervoltage lockout
VIN rising
1.90
2.20
2.65
V
UVLO
Hysteresis
VIN falling
70
mV
(1)
Minimum VIN = VOUT + VDO or 2.7 V, whichever is greater.
(2)
The TPS799Lxx has a peak current clamp during EN toggle start-up.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS799L54 TPS799L57


Similar Part No. - TPS799L54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799L57YZYR TI1-TPS799L57YZYR Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
TPS799L57YZYT TI1-TPS799L57YZYT Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
More results

Similar Description - TPS799L54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
List of Unclassifed Man...
R100U-5-N ETC2-R100U-5-N Datasheet
170Kb / 3P
   Built-in Inrush Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303 AD-ADP3303 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com