Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79433DGNT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79433DGNT
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79433DGNT Datasheet(HTML) 3 Page - Texas Instruments

  TPS79433DGNT Datasheet HTML 1Page - Texas Instruments TPS79433DGNT Datasheet HTML 2Page - Texas Instruments TPS79433DGNT Datasheet HTML 3Page - Texas Instruments TPS79433DGNT Datasheet HTML 4Page - Texas Instruments TPS79433DGNT Datasheet HTML 5Page - Texas Instruments TPS79433DGNT Datasheet HTML 6Page - Texas Instruments TPS79433DGNT Datasheet HTML 7Page - Texas Instruments TPS79433DGNT Datasheet HTML 8Page - Texas Instruments TPS79433DGNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS794xx
SLVS349E – NOVEMBER 2001 – REVISED DECEMBER 2005
Over recommended operating temperature range (T
J = –40°C to 125°C), VEN = VIN, VIN = VOUT(nom) + 1 V
(1), I
OUT = 1mA,
C
OUT = 10µF, CNR = 0.01 µF, unless otherwise noted. Typical values are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage, VIN(1)
2.7
5.5
V
Continuous output current, IOUT
0
250
mA
Output voltage range
TPS79401
1.225
5.5 – VDO
V
Output
TPS79401(2)
0
µA ≤ I
OUT ≤ 250 mA, VOUT + 1 V ≤ VIN ≤ 5.5 V
(1)
0.97(VOUT)
VOUT
1.03(VOUT)
V
voltage
Accuracy
Fixed VOUT
0
µA ≤ I
OUT ≤ 250 mA, VOUT + 1 V ≤ VIN ≤ 5.5 V
(1)
–3.0
+3.0
%
Output voltage line regulation (
∆V
OUT%/∆VIN)
(1)
VOUT + 1 V ≤ VIN ≤ 5.5 V
0.05
0.12
%/V
Load regulation (
∆V
OUT%/∆IOUT)
0
µA ≤ I
OUT ≤ 250 mA
10
mV
TPS79428
IOUT = 250 mA
155
210
Dropout voltage(3)
TPS79430
IOUT = 250 mA
155
210
mV
VIN = VOUT(nom)– 0.1 V
TPS79433
IOUT = 250 mA
145
200
Output current limit
VOUT = 0 V
925
mA
Ground pin current
0
µA ≤ I
OUT ≤ 250 mA
170
220
µA
Shutdown current(4)
VEN = 0 V, 2.7 V ≤ VIN ≤ 5.5 V
0.07
1
µA
FB pin current
VFB = 1.225 V
1
µA
f = 100 Hz, IOUT = 250 mA
65
Power-supply ripple rejection
TPS79428
f = 10 kHz, IOUT = 250 mA
60
dB
f = 100 kHz, IOUT = 250 mA
40
CNR = 0.001 µF
55
CNR = 0.0047 µF
36
BW = 100 Hz to 100 kHz,
Output noise voltage
TPS79428
µV
RMS
IOUT = 250 mA
CNR = 0.01 µF
33
CNR = 0.1 µF
32
CNR = 0.001 µF
50
Time, start-up
TPS79428
RL = 14 Ω, COUT = 1 µF
CNR = 0.0047 µF
70
µs
CNR = 0.01 µF
100
High-level enable input voltage
2.7 V
≤ V
IN ≤ 5.5 V
1.7
VIN
V
Low-level enable input voltage
2.7 V
≤ V
IN ≤ 5.5 V
0
0.7
V
EN pin current
VEN = 0
1
1
µA
UVLO threshold
VCC rising
2.25
2.65
V
UVLO hysteresis
100
mV
(1)
Minimum VIN is 2.7 V or VOUT + VDO, whichever is greater.
(2)
Tolerance of external resistors not included in this specification.
(3)
Dropout is not measured for the TPS79418 and TPS79425 since minimum VIN = 2.7 V.
(4)
For adjustable versions, this applies only after VIN is applied; then VEN transitions high to low.
3
Submit Documentation Feedback


Similar Part No. - TPS79433DGNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79433DGNT TI-TPS79433DGNT Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79433DGNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418 TI-TPS79418_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79430 TI-TPS79430_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com