Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79927-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS79927-Q1
Description  200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79927-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS79927-Q1 Datasheet HTML 1Page - Texas Instruments TPS79927-Q1 Datasheet HTML 2Page - Texas Instruments TPS79927-Q1 Datasheet HTML 3Page - Texas Instruments TPS79927-Q1 Datasheet HTML 4Page - Texas Instruments TPS79927-Q1 Datasheet HTML 5Page - Texas Instruments TPS79927-Q1 Datasheet HTML 6Page - Texas Instruments TPS79927-Q1 Datasheet HTML 7Page - Texas Instruments TPS79927-Q1 Datasheet HTML 8Page - Texas Instruments TPS79927-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPS799xx-Q1
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional input capacitor.
May improve source
impedance, noise, or PSRR.
Optional bypass capacitor
to reduce output noise
and increase PSRR.
2.2mF
Ceramic
V
EN
TPS79901-Q1
GND
EN
FB
IN
OUT
V
IN
V
OUT
R
1
C
FB
R
2
Optional input capacitor.
May improve source
impedance, noise, or PSRR.
V
=
OUT
´ 1.193
(R
1
2
+ R )
R
2
V
EN
2.2 F
m
Ceramic
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS799-Q1
SBVS097F – MARCH 2008 – REVISED JUNE 2015
TPS799-Q1 200 mA, Low Quiescent Current, Ultralow Noise,
High PSRR, Low Dropout, Linear Regulators
1 Features
3 Description
The TPS799xx-Q1 family of low-dropout (LDO) low-
1
Qualified for Automotive Applications
power
linear
regulators
offers
excellent
AC
200-mA Low-Dropout (LDO) Regulator
performance with very low ground current. High
With Enable (EN)
power-supply rejection ratio (PSRR), low noise, fast
Low IQ: 40 μA
start-up,
and
excellent
line
and
load
transient
response are provided while consuming a very low
Multiple Output Voltage Versions Available:
40-
μA (typical) ground current. The TPS799xx-Q1 is
Fixed Outputs of 1.2 V to 4.5 V
stable with ceramic capacitors and uses an advanced
Adjustable Outputs from 1.2 V to 6.5 V
BiCMOS fabrication process to yield a dropout
voltage of 100 mV (typical) at 200-mA output. The
High PSRR: 66 dB at 1 kHz, 51 db at 10 kHz
TPS799xx-Q1 uses a precision voltage reference and
Ultralow Noise: 29.5
μVRMS
feedback loop to achieve overall accuracy of 2% over
Fast Start-Up Time: 45
μs
all load, line, process, and temperature variations. It
is fully specified from TJ = –40°C to 125°C and is
Stable With a Low ESR, 2-
μF (Typical) Output
offered in low profile thin SOT-23 and 2-mm × 2-mm
Capacitance
SON packages, ideal for wireless handsets and
Excellent Load and Line Transient Response
WLAN cards.
2% Overall Accuracy (Load, Line, and
Temperature)
Device Information(1)
Very Low Dropout: 100 mV
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Thin SOT-23 and 2-mm × 2-mm SON-6 Packages
SON (6)
2.00 mm × 2.00 mm
TPS799-Q1
SOT (5)
2.90 mm × 1.60 mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Infotainment
Cluster
Advanced Driver Assistance Systems
SPACE
Typical Application Circuit
Typical Application Circuit
Fixed Voltage Versions
Adjustable Voltage Version
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS79927-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79927 TI-TPS79927 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799275YZUR TI-TPS799275YZUR Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799275YZUR TI-TPS799275YZUR Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799275YZUR TI-TPS799275YZUR Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799275YZUR TI1-TPS799275YZUR Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
More results

Similar Description - TPS79927-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799 TI1-TPS799_16 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-Q1 TI1-TPS79901-Q1 Datasheet
759Kb / 19P
[Old version datasheet]   200 mA, LOW QUIESCENT CURRENT, ULTRA-LOW NOISE HIGH PSRR, LOW DROPOUT, LINEAR REGULATORS
TPS799 TI-TPS799 Datasheet
1Mb / 39P
[Old version datasheet]   TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout LinearRegulator
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com