Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337DX2LP11000A Datasheet(PDF) 1 Page - ETRI

Part # 337DX2LP11000A
Description  DC Axial Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

337DX2LP11000A Datasheet(HTML) 1 Page - ETRI

  337DX2LP11000A Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition
2016
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Airflow: l/s
Airflow: l/s
Airflow: CFM
Airflow: CFM
L-10 LIFE AT 40°C:
70 000 hours
Life expectancy
Approvals
R
Brushless DC Motor
Electrical protection: integrated circuit
Housing material: plastic UL 94 V0
Impeller material: plastic UL 94 V0
Maximum weight: 370 g
Bearing system: ball bearings
Connection: flying leads
IP 20
Available with:
- Speed sensor
- Alarm
-IP 54/IP 55
Part Number
Nominal voltage
Airflow
Nominal speed
Noise level
Input Power
Voltage range
Operating temperature
75,5
53,0
3050
15,8
(7-13,2)
-10
70
3050
14,4
(14-26,4)
-10
70
85,0
56,5
3450
22,2
(7-13,2)
-10
70
,5
3450
20,2
(14-26,4)
-10
70
94,4
59,5
3850
32,9
(8,5-13,2)
-10
70
,5
3850
28,8
(14-26,4)
-10
70
V
l/s
dB(A)
RPM
W
V
Min.°C
Max.°C
337DX1LP11000A
12
337DX2LP11000A
24
75,5
53,0
337DX4LP11000A
48
75,5
53,0
3050
15,8
(28-56)
-10
60
337DZ1LP11000A
12
337DZ2LP11000A
24
85,0
56
337DZ4LP11000A
48
85,0
56,5
3450
21,6
(28-56)
-10
60
337DY1LP11000A
12
337DY2LP11000A
24
94,4
59
337DY4LP11000A
48
94,4
59,5
3850
32,2
(28-56)
-10
60
337D
Series
Air
104.8±0.3
113.3±0.3
127±0.5
5±0.3
5±0.3
38±0.5
2 x 4 4.5±0.3
Ø
2 x 4 3.86±0.3
Ø
337DX
337DY
337DZ
DC Axial Fans
127x127x38mm
5’’ x 5” x 1,496’’


Similar Part No. - 337DX2LP11000A

ManufacturerPart #DatasheetDescription
logo
ETRI
337DX2LP11000 ETRI-337DX2LP11000 Datasheet
221Kb / 1P
   DC Axial Fans
More results

Similar Description - 337DX2LP11000A

ManufacturerPart #DatasheetDescription
logo
ETRI
246DL5LP11000 ETRI-246DL5LP11000_16 Datasheet
178Kb / 1P
   DC Axial Fans
338DX1LP11000 ETRI-338DX1LP11000_16 Datasheet
271Kb / 1P
   DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000_16 Datasheet
302Kb / 1P
   DC Axial Fans
380DL5LP11000 ETRI-380DL5LP11000_16 Datasheet
191Kb / 1P
   DC Axial Fans
125DH9LP11241 ETRI-125DH9LP11241_11 Datasheet
252Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000_16 Datasheet
184Kb / 1P
   DC Axial Fans
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
   DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
   DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
   DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
   DC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com