Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79018DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79018DBVT
Description  ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79018DBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS79018DBVT Datasheet HTML 1Page - Texas Instruments TPS79018DBVT Datasheet HTML 2Page - Texas Instruments TPS79018DBVT Datasheet HTML 3Page - Texas Instruments TPS79018DBVT Datasheet HTML 4Page - Texas Instruments TPS79018DBVT Datasheet HTML 5Page - Texas Instruments TPS79018DBVT Datasheet HTML 6Page - Texas Instruments TPS79018DBVT Datasheet HTML 7Page - Texas Instruments TPS79018DBVT Datasheet HTML 8Page - Texas Instruments TPS79018DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TPS79015, TPS79018, TPS79025, TPS79028, TPS79030
ULTRALOW-POWER LOW-NOISE 50-mA
LOW-DROPOUT LINEAR REGULATORS
SLVS299B – SEPTEMBER 2000 – REVISED MAY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free–air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = 0V, Co = 4.7 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High level enable input voltage
2.7 V < VI < 10 V
1.7
V
Low level enable input voltage
2.7 V < VI < 10 V
0.9
V
Power supply ripple rejection (TPS79030)
f = 1 kHz,
Co = 10 µF,
TJ = 25°C,
C(byp) = 0.01 µF
85
dB
Input current (EN)
EN = 0 V
–1
0
1
µA
Input current (EN)
EN = VI
–1
1
µA
Dropout voltage (see Note 6)
TPS79028
IO = 50 mA,
TJ = 25°C
60
Dropout voltage (see Note 6)
TPS79028
IO = 50 mA,
TJ = –40°C to 125°C
125
mV
Dropout voltage (see Note 6)
TPS79030
IO = 50 mA,
TJ = 25°C
57
mV
Dropout voltage (see Note 6)
TPS79030
IO = 50 mA,
TJ = –40°C to 125°C
115
6. IN voltage equals VO(typ) –100 mV; The TPS79030 output voltage is set to 2.9 V. The TPS79015, TPS79018, and TPS79025
dropout voltage is limited by input voltage range limitations.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
1, 2, 3
VO
Output voltage
vs Junction temperature
4, 5, 6
Ground current
vs Junction temperature
7
Output spectral noise density
vs Frequency
8 – 10
Root mean squared output noise
vs Bypass capacitance
11
Zo
Output impedance
vs Frequency
12
VDO
Dropout voltage
vs Junction temperature
13
Ripple rejection
vs Frequency
14 – 16
VO
Output voltage, enable voltage
vs Time (start-up)
17 – 19
Line transient response
20, 22
Load transient response
21, 23
Equivalent series resistance (ESR)
vs Output current
24, 25


Similar Part No. - TPS79018DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79018DBVT TI-TPS79018DBVT Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79018DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS790 TI-TPS790 Datasheet
463Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS790 TI-TPS790_15 Datasheet
463Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77025DBVRG4 TI-TPS77025DBVRG4 Datasheet
925Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033-Q1 TI1-TPS77033-Q1 Datasheet
343Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033DBVTG4 TI-TPS77033DBVTG4 Datasheet
863Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS770 TI-TPS770 Datasheet
887Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS789 TI-TPS789 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com