Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79101-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS79101-Q1
Description  ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79101-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS79101-Q1_16 Datasheet HTML 1Page - Texas Instruments TPS79101-Q1_16 Datasheet HTML 2Page - Texas Instruments TPS79101-Q1_16 Datasheet HTML 3Page - Texas Instruments TPS79101-Q1_16 Datasheet HTML 4Page - Texas Instruments TPS79101-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS79101-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS79101-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS79101-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS79101-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TPS79101Q1,TPS79118Q1
TPS79133Q1,TPS79147Q1
SGLS160B − APRIL 2003 − REVISED SEPTEMBER 2008
ULTRALOW NOISE, HIGH PSRR, FAST RF 100mA
LOW DROPOUT LINEAR REGULATORS
(3,00 mm x 3,00 mm)
Actual Size
(3,00 mm x 3,00 mm)
Actual Size
FEATURES
D Qualified for Automotive Applications
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D 100-mA Low-Dropout Regulator With EN
D Available in 1.8-V, 3.3-V, 4.7-V, and Adj.
D High PSRR (70 dB at 10 kHz)
D Ultralow Noise (15 µVRMS)
D Fast Start-Up Time (63 µs)
D Stable With Any 1-µF Ceramic Capacitor
D Excellent Load/Line Transient
D Very Low Dropout Voltage
(38 mV at Full Load, TPS79147)
D 5-Pin SOT23 (DBV) Package
D TPS792xx Provides EN Options
APPLICATIONS
D VCOs
D RF
D Bluetooth, Wireless LAN
DESCRIPTION
The TPS791xx family of low-dropout (LDO)
low-power linear voltage regulators features high
power supply rejection ratio (PSRR), ultralow
noise, fast start-up, and excellent line and load
transient responses in a small outline, SOT23,
package. Each device in the family is stable with
a small 1-
µF ceramic capacitor on the output.
The family uses an advanced, proprietary
BiCMOS fabrication process to yield extremely
low dropout voltages (e.g., 38 mV at 100 mA,
TPS79147). Each device achieves fast start-up
times (approximately 63
µs with a 0.001 µF
bypass capacitor) while consuming very low
quiescent current (170
µA typical). Moreover,
when the device is placed in standby mode, the
supply current is reduced to less than 1
µA. The
TPS79118 exhibits approximately 15
µVRMS of
output voltage noise with a 0.1
µF bypass
capacitor.
Applications with analog components that are
noise sensitive, such as portable RF electronics,
benefit from the high PSRR and low noise
features as well as the fast response time.
ORDERING INFORMATION
TJ
VOLTAGE
PACKAGE
PART NUMBER
SYMBOL
1.2 to 5.5 V
TPS79101DBVRQ1(1)
PEU1
−40
°C to 125°C
1.8 V
SOT23
TPS79118DBVRQ1(1)
PER1
−40
°C to 125°C
3.3 V
SOT23
(DBV)
TPS79133DBVRQ1(1)
PES1
4.7 V
(DBV)
TPS79147DBVRQ1(1)(2)
PET1
(1) The DBVR indicates tape and reel of 3000 parts.
(2) This part is Product Preview.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2008, Texas Instruments Incorporated
Bluetooth is a trademark owned by the Bluetooth SIG, Inc.


Similar Part No. - TPS79101-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79101-Q1 TI1-TPS79101-Q1 Datasheet
425Kb / 19P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79101-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101 TI-TPS79101 Datasheet
199Kb / 15P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
TPS79147-Q1 TI-TPS79147-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP Datasheet
863Kb / 22P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79230DBVRG4 TI-TPS79230DBVRG4 Datasheet
472Kb / 19P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1 Datasheet
425Kb / 19P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com