Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS80032A2F7YFFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS80032A2F7YFFR
Description  Fully Integrated Power Management With Power Path and Battery Charger
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS80032A2F7YFFR Datasheet(HTML) 1 Page - Texas Instruments

  TPS80032A2F7YFFR Datasheet HTML 1Page - Texas Instruments TPS80032A2F7YFFR Datasheet HTML 2Page - Texas Instruments TPS80032A2F7YFFR Datasheet HTML 3Page - Texas Instruments TPS80032A2F7YFFR Datasheet HTML 4Page - Texas Instruments TPS80032A2F7YFFR Datasheet HTML 5Page - Texas Instruments TPS80032A2F7YFFR Datasheet HTML 6Page - Texas Instruments TPS80032A2F7YFFR Datasheet HTML 7Page - Texas Instruments TPS80032A2F7YFFR Datasheet HTML 8Page - Texas Instruments TPS80032A2F7YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 127 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS80032
SWCS059I – MARCH 2011 – REVISED NOVEMBER 2014
TPS80032 Fully Integrated Power Management With Power Path and Battery Charger
1
Device Overview
• Control:
1.1
Features
– Configurable Power-Up and Power-Down
Sequences (OTP Memory)
1
• Five Highly Efficient Buck Converters
– Configurable Sequences Between SLEEP and
– One 3 MHz, 0.6 to 2.1 V at 5.0 A, DVS-Capable
ACTIVE States (OTP Memory)
– One 6 MHz, 0.6 to 2.1 V at 2.5 A, DVS-Capable
– Three Digital Output Signals that can be
– Three 6 MHz, 0.6 to 2.1 V at 1.1 A, One Being
Included in the Startup Sequence to Control
DVS-Capable
External Devices
• 11 General-Purpose Low-Dropout Voltage
– Two Inter-Integrated Circuit (I2C) Interfaces
Regulators (LDOs)
– All Resources Configurable by I2C
– Six 1.0 to 3.3 V at 0.2 A with Battery or
• System Voltage Regulator/Battery Charger with
Preregulated Supply:
Power Path from USB:
One can be Used as Vibrator Driver
– Input Current Limit to Comply with USB
One 1.0 to 3.3 V at 50 mA with Battery or
Standard
Preregulated Supply
– 3-MHz Switched-Mode Regulator with
One Low-Noise 1.0 to 3.3 V at 50 mA with
Integrated Power FET for up to 2.0-A Current
Battery or Preregulated Supply
– Dedicated Control Loop for Battery Current and
One 3.3 V at 100 mA USB LDO
Voltage
Two LDOs for TPS80032 Internal Use
– External Low-Ohmic FET for Power Path and
• USB OTG Module:
Battery Charging
– ID Detection, Accessory Charger Adapter (ACA)
– Boost Mode Operation for USB OTG
Support
– Supplement Mode to Deliver Current from
– Accessory Detection Protocol (ADP) Support
Battery During Power Path Operation
• Backup Battery Charger
– Charger for Single-Cell Li-Ion and Li-Polymer
• 12-bit Sigma-Delta Analog-to-Digital Converter
Battery Packs
(ADC) with 19 Input Channels:
– Safety Timer and Reset Control
– Seven External Input Channels
– Thermal Protection
• 13-bit Coulomb Counter with Four Programmable
– Input/Output Overvoltage Protection
Integration Periods
– Charging Indicator LED Driver
• Low-Power Consumption:
– Compliant with:
– 8 µA in BACKUP State
USB 2.0
– 20 µA in WAIT-ON State
OTG and EH 2.0
– 110 µA in SLEEP State, with Two DC-DCs
USB Battery Charging 1.2
Active
YD/T 1591-2006
• Real-Time Clock (RTC) with Timer and Alarm
Japanese Battery Charging Guidelines
Wake-Up:
(JEITA)
– Three Buffered 32-kHz Outputs
• Battery Voltage Range from 2.5 to 5.5 V
• SIM and SD/MMC Card Detections
• Package 5.21 mm × 5.36 mm 155-pin WCSP
• Two Digital PWM Outputs
• Thermal Monitoring:
– High-Temperature Warning
– Thermal Shutdown
1.2
Applications
Mobile Phones and Smart Phones
Handheld Devices
Tablets
Industrial Applications
Gaming Handsets
Portable Media Players
Portable Navigation Systems
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.


Similar Part No. - TPS80032A2F7YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS80010 TI-TPS80010 Datasheet
5Mb / 22P
[Old version datasheet]   PMU for Alkaline Battery-Powered Applications
TPS80010ARSMR TI-TPS80010ARSMR Datasheet
5Mb / 22P
[Old version datasheet]   PMU for Alkaline Battery-Powered Applications
More results

Similar Description - TPS80032A2F7YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6032 TI1-TWL6032 Datasheet
533Kb / 11P
[Old version datasheet]   Fully Integrated Power Management with Power Path and Battery Charger
TWL6032 TI1-TWL6032_16 Datasheet
725Kb / 11P
[Old version datasheet]   TWL6032 Fully Integrated Power Management with Power Path and Battery Charger
logo
Eutech Microelectronics...
EUP8075 EUTECH-EUP8075 Datasheet
110Kb / 1P
   . USB-Compliant Li-Ion Battery Charger Integrated with System Power-Path Management
logo
Richtek Technology Corp...
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
logo
Texas Instruments
TWL6030 TI-TWL6030 Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI1-TWL6030 Datasheet
943Kb / 97P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI1-TWL6030_13 Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com