Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79147DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79147DBVR
Description  ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79147DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS79147DBVR Datasheet HTML 4Page - Texas Instruments TPS79147DBVR Datasheet HTML 5Page - Texas Instruments TPS79147DBVR Datasheet HTML 6Page - Texas Instruments TPS79147DBVR Datasheet HTML 7Page - Texas Instruments TPS79147DBVR Datasheet HTML 8Page - Texas Instruments TPS79147DBVR Datasheet HTML 9Page - Texas Instruments TPS79147DBVR Datasheet HTML 10Page - Texas Instruments TPS79147DBVR Datasheet HTML 11Page - Texas Instruments TPS79147DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ROOT MEAN SQUARED OUTPUT NOISE
vs
BYPASS CAPACITANCE
C(bypass) − Bypass Capacitance − µF
VO = 3.3 V
VO = 1.8 V
0
10
20
30
40
50
60
70
0.001
0.01
0.1
BW = 100 Hz to 100
kHz
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
100
1 k
10 k
100 k
IO = 1 mA
VI = 4.3 V
Co = 10 µF
C(byp) = 0.1 µF
IO = 100 mA
f − Frequency − Hz
TPS79133
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
100
1 k
10 k
100 k
IO = 0.1 µF
VI = 4.3 V
IO = 100 mA
Co = 10 µF
IO = 0.01 µF
f − Frequency − Hz
TPS79133
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
IO = 0.001 µF
IO = 0.0047 µF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
10
20
30
40
50
60
70
80
−40 −25 −10 5
20 35 50 65 80 95 110 125
IO = 100 mA
IO = 10 mA
TJ − Junction Temperature − °C
TPS79133
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
VI = 3.2 V,
Co = 10 µF
VI = 4.3 V
Co = 10 µF
TJ = 25°C
100
10 M
10
1 k
f − Frequency − Hz
10 k
TPS79133
OUTPUT IMPEDANCE
vs
FREQUENCY
100 k
IO = 100 mA
IO = 1 mA
0
0.5
1
1.5
2
2.5
3
1 M
0
10
20
30
40
50
60
70
80
90
100
0
0.02
0.04
0.06
0.08
0.1
TJ = 125°C
TJ = 25°C
TJ = −40°C
IO − Output Current − A
TPS792133
DROPOUT VOLTAGE
vs
OUTPUT CURRENT
VI = 3.2 V
CO = 10 µF
2.2
2.7
3.2
3.7
4.2
4.7
1.5
2
2.5
3
3.5
4
4.5
5
TJ = 125°C
TJ = −40°C
TJ = 25°C
VI = 3.2 V
Co = 10 µF
VO − Output Voltage − V
MINIMUM REQUIRED INPUT VOLTAGE
vs
OUTPUT VOLTAGE
5.2
0
10
20
30
40
50
60
70
80
90
100
1 k
10 k
100 k
1 M
10 M
f − Frequency − Hz
TPS79118
RIPPLE REJECTION
vs
FREQUENCY
VI = 2.8 V
Co = 10 µF
C(byp) = 0.01 µF
IO = 100 mA
IO = 1 mA
0
20
40
60
80
100
120
2.5
3
3.5
4
4.5
5
TJ = 125°C
TJ = 25°C
TJ = −40°C
IO = 100 mA
VI − Input Voltage − V
TPS79101
DROPOUT VOLTAGE
vs
INPUT VOLTAGE
TPS79101-EP, TPS79118-EP
TPS79133-EP, TPS79147-EP
SGLS161A – APRIL 2003 – REVISED JUNE 2008 ............................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 11.
Figure 12.
Figure 13.
Figure 14.
Figure 15.
Figure 16.
Figure 17.
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS79101-EP TPS79118-EP TPS79133-EP TPS79147-EP


Similar Part No. - TPS79147DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79147DBVR TI-TPS79147DBVR Datasheet
199Kb / 15P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
TPS79147DBVR TI-TPS79147DBVR Datasheet
884Kb / 21P
[Old version datasheet]   ULTRALOW NOISE HIGH PSRR FAST RF 100-mA LOW- DROPOUT LINEAR REGUATORS
TPS79147DBVREP TI1-TPS79147DBVREP Datasheet
863Kb / 22P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147DBVRG4 TI-TPS79147DBVRG4 Datasheet
884Kb / 21P
[Old version datasheet]   ULTRALOW NOISE HIGH PSRR FAST RF 100-mA LOW- DROPOUT LINEAR REGUATORS
TPS79147DBVRG4Q1 TI1-TPS79147DBVRG4Q1 Datasheet
425Kb / 19P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79147DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1_16 Datasheet
902Kb / 21P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101 TI-TPS79101 Datasheet
199Kb / 15P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
TPS79147-Q1 TI-TPS79147-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP Datasheet
863Kb / 22P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79230DBVRG4 TI-TPS79230DBVRG4 Datasheet
472Kb / 19P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1 Datasheet
425Kb / 19P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com