Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS797-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS797-Q1
Description  ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS797-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS797-Q1 Datasheet HTML 2Page - Texas Instruments TPS797-Q1 Datasheet HTML 3Page - Texas Instruments TPS797-Q1 Datasheet HTML 4Page - Texas Instruments TPS797-Q1 Datasheet HTML 5Page - Texas Instruments TPS797-Q1 Datasheet HTML 6Page - Texas Instruments TPS797-Q1 Datasheet HTML 7Page - Texas Instruments TPS797-Q1 Datasheet HTML 8Page - Texas Instruments TPS797-Q1 Datasheet HTML 9Page - Texas Instruments TPS797-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TPS79718Q1
TPS79730Q1
TPS79733Q1
SGLS264A − SEPTEMBER 2004 − REVISED JUNE 2008
6
www.ti.com
TYPICAL CHARACTERISTICS
3.285
3.290
3.295
3.300
3.305
3.310
3.315
0
246
8
10
IO − Output Current − mA
TPS79733
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 4.3 V
Co = 1 µF
TA = 25°C
Figure 1
1.785
1.790
1.795
1.800
1.805
1.810
1.815
02
4
6
8
10
IO − Output Current − mA
TPS79718
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 2.8 V
Co = 1 µF
TA = 25°C
Figure 2
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
−40
−15
10
35
60
85
TA − Free-Air Temperature − °C
TPS79733
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
IO = 1 mA
VI = 4.3 V
Co = 1 µF
IO = 10 mA
Figure 3
1.78
1.79
1.80
1.81
1.82
−40
−15
10
35
60
85
TA − Free-Air Temperature − °C
TPS79718
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
IO = 1 mA
VI = 2.8 V
Co = 1 µF
IO = 10 mA
Figure 4
0.50
0.75
1
1.25
1.50
1.75
2
−40
−15
10
35
60
TA − Free-Air Temperature − °C
TPS79733
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
85
VI = 4.3 V
VO = 3.3 V
Co = 1 µF
IO = 10 mA
Figure 5
0
2
4
6
8
10
100
1 k
10 k
100 k
IO = 10 mA
IO = 1 mA
f − Frequency − Hz
VI = 2.8 V
VO = 1.8 V
Co = 1 µF
TPS79718
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
Figure 6
f − Frequency − Hz
0
40
25
5
35
10
15
30
VI = 4.3 V
VO = 3.3 V
Co = 1 µF
TJ = 25°C
IO = 1 mA
100
1 M
10
1k
10k
100k
10 M
IO = 10 mA
20
OUTPUT IMPEDANCE
vs
FREQUENCY
Figure 7
0
20
40
60
80
100
120
140
−40 −25
−10
5
20
35
50
65
80
TA − Free-Air Temperature − °C
VI = 3.2 V
Co = 1 µF
IO = 10 mA
IO = 1 mA
TPS79733
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
Figure 8
POWER UP / POWER DOWN
VI
VO
VO = 3.3 V
RL = 330 Ω
t − Time − ms
3
030
20
10
40 50
70
60
80 90 100
1
2
0
6
4
5
7
Figure 9


Similar Part No. - TPS797-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS797 TI-TPS797 Datasheet
905Kb / 18P
[Old version datasheet]   Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS79718 TI-TPS79718 Datasheet
232Kb / 11P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI-TPS79718-Q1 Datasheet
236Kb / 13P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
More results

Similar Description - TPS797-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79718 TI-TPS79718 Datasheet
232Kb / 11P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI-TPS79718-Q1_15 Datasheet
318Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOR-323 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI-TPS79718-Q1 Datasheet
236Kb / 13P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
TPS797 TI-TPS797 Datasheet
905Kb / 18P
[Old version datasheet]   Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718 TI1-TPS79718_12 Datasheet
636Kb / 17P
[Old version datasheet]   Ultra-Low IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS76201DBVTG4 TI1-TPS76201DBVTG4 Datasheet
580Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com