Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79318DBVREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79318DBVREP
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79318DBVREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS79318DBVREP Datasheet HTML 2Page - Texas Instruments TPS79318DBVREP Datasheet HTML 3Page - Texas Instruments TPS79318DBVREP Datasheet HTML 4Page - Texas Instruments TPS79318DBVREP Datasheet HTML 5Page - Texas Instruments TPS79318DBVREP Datasheet HTML 6Page - Texas Instruments TPS79318DBVREP Datasheet HTML 7Page - Texas Instruments TPS79318DBVREP Datasheet HTML 8Page - Texas Instruments TPS79318DBVREP Datasheet HTML 9Page - Texas Instruments TPS79318DBVREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
DEVICE INFORMATION
_
+
Thermal
Shutdown
Bandgap
Reference
VIN
Current
Sense
R2
VIN
GND
EN
VOUT
SHUTDOWN
Vref
UVLO
ILIM
External to
the Device
R1
UVLO
250 k
Bypass
FB
_
+
Thermal
Shutdown
VIN
Current
Sense
R1
R2
VIN
GND
EN
VOUT
SHUTDOWN
Vref
UVLO
ILIM
Bandgap
Reference
UVLO
250 k
Bypass
TPS79301-EP,, TPS79318-EP,, TPS79325-EP,, TPS79328-EP
TPS793285-EP, TPS79330-EP, TPS79333-EP, TPS793475-EP
SGLS163B – APRIL 2003 – REVISED NOVEMBER 2006
FUNCTIONAL BLOCK DIAGRAM – ADJUSTABLE VERSION
FUNCTIONAL BLOCK DIAGRAM – FIXED VERSION
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
ADJ
FIXED
An external bypass capacitor, connected to this terminal, in conjunction with an internal
BYPASS
4
4
resistor, creates a low-pass filter to further reduce regulator noise.
Enable input that enables or shuts down the device. When EN goes to a logic high, the
EN
3
3
I
device is enabled. When the device goes to a logic low, the device is in shutdown mode.
FB
5
N/A
I
Feedback input voltage for the adjustable device
GND
2
2
Regulator ground
IN
1
1
I
Input to the device
OUT
6
5
O
Regulated output of the device
6
Submit Documentation Feedback


Similar Part No. - TPS79318DBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79318DBVREP TI1-TPS79318DBVREP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79318DBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com