Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79318DBVREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79318DBVREP
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79318DBVREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS79318DBVREP Datasheet HTML 3Page - Texas Instruments TPS79318DBVREP Datasheet HTML 4Page - Texas Instruments TPS79318DBVREP Datasheet HTML 5Page - Texas Instruments TPS79318DBVREP Datasheet HTML 6Page - Texas Instruments TPS79318DBVREP Datasheet HTML 7Page - Texas Instruments TPS79318DBVREP Datasheet HTML 8Page - Texas Instruments TPS79318DBVREP Datasheet HTML 9Page - Texas Instruments TPS79318DBVREP Datasheet HTML 10Page - Texas Instruments TPS79318DBVREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
2.795
2.796
2.797
2.798
2.799
2.8
2.801
2.802
2.803
2.804
2.805
0
50
100
150
200
IO − Output Current − mA
TPS79328
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 3.8 V
Co = 10 µF
TJ = 25° C
2.775
2.78
2.785
2.79
2.795
2.8
2.805
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Junction Temperature − °C
TPS79328
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
IO = 200 mA
IO = 1 mA
VI = 3.8 V
Co = 10 µF
0
50
100
150
200
250
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Junction Temperature − °C
TPS79328
GROUND CURRENT
vs
JUNCTION TEMPERATURE
IO = 1 mA
VI = 3.8 V
Co = 10 µF
IO = 200 mA
0
0.05
0.1
0.15
0.2
0.25
0.3
100
1 k
10 k
100 k
f − Frequency − Hz
IO = 1 mA
VI = 3.8 V
Co = 2.2 µF
C(byp) = 0.1 µF
IO = 200 mA
TPS79328
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
0
0.05
0.1
0.15
0.2
0.25
0.3
100
1 k
10 k
100 k
f − Frequency − Hz
IO = 1 mA
IO = 200 mA
TPS79328
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
VI = 3.8 V
Co = 10 µF
C(byp) = 0.1 µF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
100
1 k
10 k
100 k
f − Frequency − Hz
TPS79328
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
VI = 3.8 V
IO = 200 mA
Co= 10 µF
C(byp) = 0.1 µF
C(byp) = 0.001 µF
C(byp) = 0.0047 µF
C(byp) = 0.01 µF
100
1 M
10
1 k
f − Frequency − Hz
10 k
OUTPUT IMPEDANCE
vs
FREQUENCY
100 k
IO = 1 mA
0
0.5
1
1.5
2
2.5
0
IO = 100 mA
10 M
VI = 3.8 V
Co = 10 µF
TJ = 25° C
0.001
0.01
0.1
ROOT MEAN SQUARED OUTPUT NOISE
vs
BYPASS CAPACITANCE
C(byp) − Bypass Capacitance − µF
0
10
20
30
40
50
60
VO = 2.8 V
IO = 200 mA
Co = 10 µF
BW = 100 Hz to 100
kHz
0
20
40
60
80
100
120
140
160
180
−40 −25 −10 5
20 35 50 65 80 95 110 125
IO = 200 mA
IO = 10 mA
VI = 2.7 V
Co = 10 µF
TJ − Junction Temperature − °C
TPS79328
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
TPS79301-EP,, TPS79318-EP,, TPS79325-EP,, TPS79328-EP
TPS793285-EP, TPS79330-EP, TPS79333-EP, TPS793475-EP
SGLS163B – APRIL 2003 – REVISED NOVEMBER 2006
Figure 1.
Figure 2.
Figure 3.
Figure 4.
Figure 5.
Figure 6.
Figure 7.
Figure 8.
Figure 9.
7
Submit Documentation Feedback


Similar Part No. - TPS79318DBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79318DBVREP TI1-TPS79318DBVREP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79318DBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com