Electronic Components Datasheet Search |
|
TPS79318DBVREP Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPS79318DBVREP Datasheet(HTML) 1 Page - Texas Instruments |
1 / 21 page www.ti.com FEATURES 3 2 4 5 DBV PACKAGE (TOP VIEW) 1 IN GND EN OUT BYPASS Fixed Option 3 2 4 6 DBV PACKAGE (TOP VIEW) 1 IN GND EN OUT BYPASS 5 FB Adjustable Option DESCRIPTION APPLICATIONS TPS79301-EP,, TPS79318-EP,, TPS79325-EP,, TPS79328-EP TPS793285-EP, TPS79330-EP, TPS79333-EP, TPS793475-EP SGLS163B – APRIL 2003 – REVISED NOVEMBER 2006 ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS • Controlled Baseline – One Assembly/Test Site, One Fabrication Site • Enhanced Diminishing Manufacturing Sources (DMS) Support • Enhanced Product-Change Notification • Qualification Pedigree (1) • 200-mA Low-Dropout Regulator With EN • Available in 1.8 V, 2.5 V, 2.8 V, 2.85 V, 3 V, 3.3 V, 4.75 V, and Adjustable • High PSRR (70 dB at 10 kHz) • Ultralow Noise (32 µV) • Fast Start-Up Time (50 µs) • Stable With a 2.2-µF Ceramic Capacitor • Excellent Load/Line Transient • Very Low Dropout Voltage The TPS793xx family of low-dropout (LDO) low-power linear voltage regulators features high (112 mV at Full Load, TPS79330) power-supply rejection ratio (PSRR), ultralow noise, • 5-Pin SOT23 (DBV) Package fast start-up, and excellent line and load transient responses in a small-outline SOT23 package. Each device in the family is stable, with a small 2.2- µF • VCOs ceramic capacitor on the output. The TPS793xx • RF family uses an advanced, proprietary, BiCMOS fabrication process to yield extremely low dropout • Bluetooth™, Wireless LAN voltages (e.g., 112 mV at 200 mA, TPS79330). Each device achieves fast start-up times (approximately 50 µs with a 0.001-µF bypass capacitor), while consuming very low quiescent current (170 µA typical). Moreover, when the device is placed in standby mode, the supply current is reduced to less (1) Component qualification in accordance with JEDEC and than 1 µA. The TPS79328 exhibits approximately industry standards to ensure reliable operation over specified 32 µV RMS of output voltage noise with a 0.1- µF temperature range. This includes, but is not limited to, Highly Accelerated Stress Test (HAST) or biased 85/85, temperature bypass capacitor. Applications with analog cycle, autoclave or unbiased HAST, electromigration, bond components that are noise sensitive, such as intermetallic life, and mold compound life. Such qualification portable RF electronics, benefit from the high PSRR testing should not be viewed as justifying use of this and low-noise features, as well as the fast response component beyond specified performance and environmental limits. time. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Bluetooth is a trademark of Bluetooth SIG, Inc. PRODUCTION DATA information is current as of publication date. Copyright © 2003–2006, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - TPS79318DBVREP |
|
Similar Description - TPS79318DBVREP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |