Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740A Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS82740A
Description  MicroSIP Step Down Converter Module for Low Power Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS82740A_16 Datasheet HTML 6Page - Texas Instruments TPS82740A_16 Datasheet HTML 7Page - Texas Instruments TPS82740A_16 Datasheet HTML 8Page - Texas Instruments TPS82740A_16 Datasheet HTML 9Page - Texas Instruments TPS82740A_16 Datasheet HTML 10Page - Texas Instruments TPS82740A_16 Datasheet HTML 11Page - Texas Instruments TPS82740A_16 Datasheet HTML 12Page - Texas Instruments TPS82740A_16 Datasheet HTML 13Page - Texas Instruments TPS82740A_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
V = 3.6V
V
= 2.6V
CTRL = GND
IN
OUT
Load step at V
I
= 50 A to 10mA
OUT
OUT
m
V = 3.6V
V
= 2.6V
CTRL = V
IN
OUT
IN
Load step at V
I
= 0.5mA to 150mA
OUT
OUT
V = 3.6V
V
= 1.8V
CTRL = GND
IN
OUT
Load step at V
I
= 50 A to 10mA
OUT
OUT
m
V = 3.6V
V
= 1.8V
CTRL =
IN
OUT
V
IN
Load step at V
I
= 0.5mA to 150mA
OUT
OUT
Input Voltage VIN (V)
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
D006
IOUT = 10mA, rising VIN
IOUT = 10mA, falling VIN
IOUT = 50mA, rising VIN
IOUT = 50mA, falling VIN
IOUT = 100mA, rising VIN
IOUT = 100mA, falling VIN
Input Voltage VIN (V)
3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
D007
IOUT = 10mA, rising VIN
IOUT = 10mA, falling VIN
IOUT = 50mA, rising VIN
IOUT = 50mA, falling VIN
IOUT = 100mA, rising VIN
IOUT = 100mA, falling VIN
TPS82740A, TPS82740B
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
www.ti.com
Typical Characteristics (continued)
Figure 19. TPS82740A 100% Mode Transition VOUT = 2.5V
Figure 20. TPS82740B 100% Mode Transition VOUT = 3.3V
Figure 21. TPS82740A Load Transient Response VOUT = 1.8V
Figure 22. TPS82740A Load Transient Response VOUT = 1.8V
Figure 23. TPS82740B Load Transient Response VOUT = 2.6V
Figure 24. TPS82740B Load Transient Response VOUT = 2.6V
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - TPS82740A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
More results

Similar Description - TPS82740A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS8268180 TI-TPS8268180_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
TPS62740 TI1-TPS62740_16 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
logo
ELMOS Semiconductor AG
E522.71 ELMOS-E522.71 Datasheet
307Kb / 2P
   LOW POWER STEP DOWN CONVERTER
logo
Texas Instruments
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com