Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82692 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82692
Description  High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82692 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS82692 Datasheet HTML 6Page - Texas Instruments TPS82692 Datasheet HTML 7Page - Texas Instruments TPS82692 Datasheet HTML 8Page - Texas Instruments TPS82692 Datasheet HTML 9Page - Texas Instruments TPS82692 Datasheet HTML 10Page - Texas Instruments TPS82692 Datasheet HTML 11Page - Texas Instruments TPS82692 Datasheet HTML 12Page - Texas Instruments TPS82692 Datasheet HTML 13Page - Texas Instruments TPS82692 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.1
1
10
100
1000
Current (mA)
VIN = 3.1V (PFM/PWM)
VIN = 3.2V (PFM/PWM)
VIN = 3.6V (PFM/PWM)
VIN = 4.2V (PFM/PWM)
VIN = 4.5V (PFM/PWM)
VIN = 3.6V (PWM)
TPS62697
VOUT = 2.8V
G000
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
1
10
100
1000
Current (mA)
VIN = 3.1V
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V
VIN = 4.5V
MODE = High
TPS62697
VOUT = 2.8V
G000
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.1
1
10
100
1000
Current (mA)
VIN = 3.1V (PFM/PWM)
VIN = 3.2V (PFM/PWM)
VIN = 3.6V (PFM/PWM)
VIN = 4.2V (PFM/PWM)
VIN = 4.5V (PFM/PWM)
VIN = 3.6V (PWM)
TPS82693
VOUT = 2.85V
G000
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
1
10
100
1000
Current (mA)
VIN = 3.1V
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V
VIN = 4.5V
MODE = High
TPS82693
VOUT = 2.85V
G000
60.0
70.0
80.0
90.0
100.0
0.1
1
10
100
1000
Current (mA)
VIN = 3.1V
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V
VIN = 4.5V
MODE = Low
TPS82693
VOUT = 2.85V
G000
TPS82692, TPS82693, TPS826951
TPS82697, TPS82698
SLVSBF8C – MARCH 2013 – REVISED MAY 2015
www.ti.com
Typical Characteristics (continued)
Figure 3. TPS82699 Efficiency vs Load Current
Figure 4. TPS82693 Efficiency vs Load Current
Figure 5. TPS82693 Efficiency vs Load Current
Figure 6. TPS82693 Efficiency vs Load Current
Figure 7. Efficiency vs Load Current Forced PWM
Figure 8. Efficiency vs Load Current Forced PWM
Operation For Device TPS82697
Operation For Device TPS82697
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS82692 TPS82693 TPS826951 TPS82697 TPS82698


Similar Part No. - TPS82692

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
More results

Similar Description - TPS82692

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com