Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740BSIPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740BSIPR
Description  MicroSIP Step Down Converter Module for Low Power Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740BSIPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS82740BSIPR Datasheet HTML 1Page - Texas Instruments TPS82740BSIPR Datasheet HTML 2Page - Texas Instruments TPS82740BSIPR Datasheet HTML 3Page - Texas Instruments TPS82740BSIPR Datasheet HTML 4Page - Texas Instruments TPS82740BSIPR Datasheet HTML 5Page - Texas Instruments TPS82740BSIPR Datasheet HTML 6Page - Texas Instruments TPS82740BSIPR Datasheet HTML 7Page - Texas Instruments TPS82740BSIPR Datasheet HTML 8Page - Texas Instruments TPS82740BSIPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPS82740B
TPS82740 extends
light load efficiency range
down to 10 A output current
m
V
= 3.6V
V
= 3.3V
IN
OUT
Current
DCS-Control
topology
TM
GND
VOUT
up to 200mA
C
IN
TPS82740
L
VIN
2.2 V to 5.5 V
C
OUT
Switched Supply
R = 0.6
ON
ENABLE
DC/DC Converter
VOUT
VSEL3
SW
VIN
CTRL
VSEL1
LOAD
VSEL2
EN
GND
VSEL1
VSEL2
VSEL3
Control for
Switched
Supply Rail
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS82740A, TPS82740B
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
TPS82740x 360nA IQ MicroSIP
TM Step Down Converter Module for Low Power
Applications
This new DCS-Control™ based device extends the
1 Features
light load efficiency range below 10µA load currents.
1
360nA Typical Quiescent Current
It supports output currents up to 200mA.
Up to 90% Efficiency at 10µA Output Current
The
device
operates
from
rechargeable
Li-Ion
Pin Selectable Output Voltages in 100mV Steps
batteries, Li-primary battery chemistries such as Li-
Integrated Slew Rate Controlled Load Switch
SOCl2, Li-MnO2 and two or three cell alkaline
batteries. The input voltage range up to 5.5V also
Up to 200mA Output Current
allows operation from an USB port and thin-film solar
Input Voltage Range VIN from 2.2V to 5.5V
modules.
RF Friendly DCS-Control™
The output voltage is user selectable by three voltage
Low Output Voltage Ripple
select pins (VSEL), within a range from 1.8V to 2.5V
Automatic Transition to No Ripple 100% Mode
(TPS82740A) and 2.6V to 3.3V (TPS82740B) in
100mV steps. The TPS82740 features low output
Discharge Function on VOUT and LOAD
voltage ripple and low noise. Once the battery voltage
Sub 1.1-mm Profile Solution
comes close to the output voltage (close to 100%
Total Solution Size <6.7mm2
duty cycle), the device enters no ripple 100% mode
Small 2.3 mm x 2.9 mm MicroSIP™ Package
operation preventing an increase of output voltage
ripple. In this case the device stops switching and the
output is connected to the input voltage.
2 Applications
The integrated slew rate controlled load switch with a
Bluetooth® Low Energy, RF4CE, Zigbee
typical ON-resistance of 0.6
Ω distributes the selected
Wearable Electronics
output voltage to a temporarily used sub-system.
Energy Harvesting
The TPS82740 is available in a small 9 bump 6.7mm2
MicroSiPTM package.
3 Description
The TPS82740 is the industry's first step down
Device Information(1)
converter module featuring typically 360nA quiescent
PART NUMBER
PACKAGE
BODY SIZE (NOM)
current consumption. It is a complete MicroSIPTM
TPS82740A
µSIP
2.30 mm × 2.90 mm
DC/DC step-down power solution intended for ultra
low-power applications. The module includes the
TPS82740B
µSIP
2.30 mm × 2.90 mm
switching
regulator,
inductor
and
input/output
(1) For all available packages, see the orderable addendum at
capacitors. The integration of all required passive
the end of the datasheet.
components enables a tiny solution size of only
6.7mm2.
4 Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS82740BSIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
More results

Similar Description - TPS82740BSIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS8268180 TI-TPS8268180_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
TPS62740 TI1-TPS62740_16 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
logo
ELMOS Semiconductor AG
E522.71 ELMOS-E522.71 Datasheet
307Kb / 2P
   LOW POWER STEP DOWN CONVERTER
logo
Texas Instruments
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com