Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS826721 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS826721
Description  600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS826721 Datasheet(HTML) 4 Page - Texas Instruments

  TPS826721 Datasheet HTML 1Page - Texas Instruments TPS826721 Datasheet HTML 2Page - Texas Instruments TPS826721 Datasheet HTML 3Page - Texas Instruments TPS826721 Datasheet HTML 4Page - Texas Instruments TPS826721 Datasheet HTML 5Page - Texas Instruments TPS826721 Datasheet HTML 6Page - Texas Instruments TPS826721 Datasheet HTML 7Page - Texas Instruments TPS826721 Datasheet HTML 8Page - Texas Instruments TPS826721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674, TPS82675, TPS82676
TPS82677, TPS826711, TPS826716, TPS826721, TPS826745, TPS826765, TPS8267195
SLVSAI0J – OCTOBER 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711 TPS826716 TPS826721 TPS826745 TPS826765 TPS8267195
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com
6 Device Comparison Table
PART NUMBER (1)
OUTPUT VOLTAGE
DEVICE SPECIFIC FEATURE
PACKAGE MARKING
TPS82670
1.86V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
YK
TPS82671
1.8V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
RA
TPS826711
1.8V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
YW
TPS826716
1.6V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
GS
TPS82672
1.5V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
WD
TPS826721
2.1V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
EO
TPS82673
1.26V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
YL
TPS82674
1.2V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
SW
TPS826745
1.225V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
B5
TPS82675
1.2V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
RB
TPS82676
1.1V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
TU
TPS826765
1.05V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
AN
TPS82677
1.2V
Output Capacitor Discharge
SK
TPS8267195
1.95V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
4A


Similar Part No. - TPS826721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS826721 TI1-TPS826721 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS826721SIPR TI1-TPS826721SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS826721SIPT TI1-TPS826721SIPT Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Similar Description - TPS826721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com