Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82692SIPT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82692SIPT
Description  High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82692SIPT Datasheet(HTML) 1 Page - Texas Instruments

  TPS82692SIPT Datasheet HTML 1Page - Texas Instruments TPS82692SIPT Datasheet HTML 2Page - Texas Instruments TPS82692SIPT Datasheet HTML 3Page - Texas Instruments TPS82692SIPT Datasheet HTML 4Page - Texas Instruments TPS82692SIPT Datasheet HTML 5Page - Texas Instruments TPS82692SIPT Datasheet HTML 6Page - Texas Instruments TPS82692SIPT Datasheet HTML 7Page - Texas Instruments TPS82692SIPT Datasheet HTML 8Page - Texas Instruments TPS82692SIPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
100.0
0.1
1
10
100
1000
Current (mA)
TPS82693
VOUT = 2.85V
MODE = Low
G000
VIN
SW
FB
MODE
GND
EN
VOUT
2.85 V @ 800mA
C
I
TPS82693SIP
L
VBAT
C
O
MODE
SELECTION
ENABLE
DC/DC Converter
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS82692, TPS82693, TPS826951
TPS82697, TPS82698
SLVSBF8C – MARCH 2013 – REVISED MAY 2015
TPS8269x High-Efficiency MicroSIP™ Step-Down Converter (Profile <1mm)
1 Features
3 Description
The TPS8269xSIP device is a complete 500mA /
1
Total Solution Size <6.7 mm2
800mA, DC/DC step-down power supply intended for
95% Efficiency at 3MHz Operation
low-power applications. Included in the package are
23
μA Quiescent Current
the switching regulator, inductor and input/output
capacitors. No additional components are required to
High Duty-Cycle Operation
finish the design. The TPS8269xSIP is based on a
Best in Class Load and Line Transient
high-frequency
synchronous
step-down
dc-dc
±2% Total DC Voltage Accuracy
converter optimized for battery-powered portable
applications.
The
MicroSIP™
DC/DC
converter
Automatic PFM/PWM Mode Switching
operates at a regulated 3-MHz switching frequency
Low Ripple Light-Load PFM Mode
and enters the power-save mode operation at light
Excellent AC Load Regulation
load currents to maintain high efficiency over the
Internal Soft Start, 200-µs Start-Up Time
entire load current range. The PFM mode extends the
battery life by reducing the quiescent current to 23
μA
Integrated Active Power-Down Sequencing
(typ) during light load operation. For noise-sensitive
(Optional)
applications, the device has PWM spread spectrum
Current Overload and Thermal Shutdown
capability providing a lower noise regulated output, as
Protection
well as low noise at the input. These features,
Sub 1-mm Profile Solution
combined with high PSRR and AC load regulation
performance, make this device suitable to replace a
linear regulator to obtain better power conversion
2 Applications
efficiency. The TPS8269xSIP is packaged in a
Cell Phones, Smart-Phones
compact (2.3mm x 2.9mm) and low profile (1.0mm)
Optical Data Modules
BGA package suitable for automated assembly by
standard surface mount equipment.
Camera and Sensor Modules
Wearable Devices
Device Information
LDO Replacement
ORDER NUMBER
PACKAGE
BODY SIZE
TPS82692SIP
µSIP (8)
2,9mm × 2,3mm
TPS82693SIP
µSIP (8)
2,9mm × 2,3mm
TPS826951SIP
µSIP (8)
2,9mm × 2,3mm
TPS82697SIP
µSIP (8)
2,9mm × 2,3mm
TPS82698SIP
µSIP (8)
2,9mm × 2,3mm
.
Efficiency vs Output Current
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS82692SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
More results

Similar Description - TPS82692SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com