Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5191HRTLG-XTP Datasheet(PDF) 6 Page - ON Semiconductor

Part # A5191HRTLG-XTP
Description  HART Modem
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

A5191HRTLG-XTP Datasheet(HTML) 6 Page - ON Semiconductor

Back Button A5191HRTLG-XTP Datasheet HTML 2Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 3Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 4Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 5Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 6Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 7Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 8Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 9Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
A5191HRT
www.onsemi.com
6
A5191HRT
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
TEST5
TEST7
TEST8
TEST9
TxA
AREF
RESET
VSS
TEST11
TxD
RTS
VDD
VSS
XIN
XOUT
VSSA
A5191HRT
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
TEST5
TEST7
TEST8
TEST9
TxA
AREF
RESET
VSS
TEST11
TxD
RTS
VDD
VSS
XIN
XOUT
VSSA
Figure 4. Pin Out A5191HRT in 32-pin QFN and LQFP (top view)
Table 7. PIN OUT SUMMARY 32−PIN QFN AND LQFP
Pin No.
Signal Name
Type
Pin Description
1
TEST5
Input
Connect to VSS
2
RESETB
Input
Reset all logic when low, connect to VDD for normal operation
3, 4, 5
TEST7, 8, 9
Input
Connect to VSS
6
VSS
Ground
Digital ground
7
TxA
Output
Transmit Data Modulator output
8
AREF
Input
Analog reference voltage
9
CDREF
Input
Carrier detect reference voltage
10
CBIAS
Output
Comparator bias current
11
TEST10
Input
Connect to VSS
12
VSSA
Ground
Analog ground
13
VDDA
Power
Analog supply voltage
14
RxA
Input
Receive Data Modulator input
15
RxAF
Output
Analog receive filter output
16
RxAFI
Input
Analog receive comparator input
17
XOUT
Output
Crystal oscillator output
18
XIN
Input
Crystal oscillator input
19
VSSA
Ground
Analog ground
20
VSS
Ground
Digital ground
21
VDD
Power
Digital supply voltage
22
RTSB
Input
Request to send
23
TxD
Input
Input transmit data, transmit HART data stream from microcontroller
24
TEST11
Do Not Connect
25
RxD
Output
Received demodulated HART data to microcontroller
26
CD
Output
Carrier detect output
27
TEST12
Do Not Connect
28
TEST1
Input
Connect to VSS
29
TEST2
Do Not Connect
30
VDD
Power
Digital supply voltage
31, 32
TEST3, 4
Do Not Connect
EP
Exposed Pad
Power
Connect to VSS (QFN only)


Similar Part No. - A5191HRTLG-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRTLG-XTP ONSEMI-A5191HRTLG-XTP Datasheet
399Kb / 13P
   HART Modem
May 2008 ??Rev. 3
A5191HRTLG-XTP ONSEMI-A5191HRTLG-XTP Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
More results

Similar Description - A5191HRTLG-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
   HART Modem
December, 2011 ??Rev. 5
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
   HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
   HART Modem
October, 2011 ??Rev. 2
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
   HART Modem
Rev 0; 10/08
logo
ON Semiconductor
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
   HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
A5191HRTPG ONSEMI-A5191HRTPG Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
NCN5193 ONSEMI-NCN5193_3 Datasheet
199Kb / 14P
   HART Modem
September, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500_09 Datasheet
170Kb / 7P
   HART Modem
Rev 1; 2/09
logo
List of Unclassifed Man...
20C12 ETC1-20C12 Datasheet
468Kb / 11P
   HART MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com