Electronic Components Datasheet Search |
|
A5191HRTPG-XTD Datasheet(PDF) 2 Page - ON Semiconductor |
|
A5191HRTPG-XTD Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 14 page A5191HRT www.onsemi.com 2 BLOCK DIAGRAM Figure 1. Block Diagram A5191HRT Demodulator Logic Rx HP Filter Rx Comp Carrier Detect Counter Carrier Comp Sine Shaper Numeric Controlled Oscillator DEMODULATOR MODULATOR Crystal Oscillator BIAS A5191HRT RxAF VDD RxA RxAFI RxD AREF CDREF TxA CD TxD RTS CBIAS VDDA VSS VSSA FSK_OUT FSK_IN XIN XOUT RESET ELECTRICAL SPECIFICATIONS Table 1. ABSOLUTE MAXIMUM RATINGS (Notes 1 and 2) Symbol Parameter Min Max Units TA Ambient −40 +85 °C TS Storage Temperature −55 150 °C TJ Junction Temperature −40 150 °C VDD Supply Voltage −0.3 6.0 V VIN, VOUT DC Input, Output −0.3 VDD + 0.3 V Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 1. CMOS devices are damaged by high−energy electrostatic discharge. Devices must be stored in conductive foam or with all pins shunted. Precautions should be taken to avoid application of voltages higher than the maximum rating. Stresses above absolute maximum ratings may result in damage to the device. 2. Remove power before insertion or removal of this device. |
Similar Part No. - A5191HRTPG-XTD |
|
Similar Description - A5191HRTPG-XTD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |